Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDZC2V5AHT-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACPDZC2V5AHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDZC2V5AHT-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACPDZC2V5AHT-HF Datasheet HTML 1Page - Comchip Technology ACPDZC2V5AHT-HF Datasheet HTML 2Page - Comchip Technology ACPDZC2V5AHT-HF Datasheet HTML 3Page - Comchip Technology ACPDZC2V5AHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Marking Code
Part Number
ACPDZC2V5AHT-HF
Marking Code
2AT
SMD ESD Protection Diode
Page 4
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
AQW-G7046
Standard Packaging
Case Type
REEL PACK
10,000
Reel Size
(inch)
7
(pcs)
REEL
0201
(DFN0603)
Suggested P.C.B. PAD Layout
B
C
A
D
E
SIZE
(inch)
0.006
(mm)
0.16
0.24
0.34
0.009
0.013
0.40
0.016
E
0.64
0.025
B
C
D
A
0201(DFN0603)
2AT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com