Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDZC5V0L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDZC5V0L-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDZC5V0L-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDZC5V0L-HF Datasheet HTML 1Page - Comchip Technology ACPDZC5V0L-HF Datasheet HTML 2Page - Comchip Technology ACPDZC5V0L-HF Datasheet HTML 3Page - Comchip Technology ACPDZC5V0L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDZC5V0L-HF
Page 1
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Circuit Diagram
SMD ESD Protection Diode
Features
- Ultra small SMD package:0201.
- IEC 61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
- Low leakage current.
- Low clamping voltage.
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
VBR
V
IT = 1mA
Reverse leakage current
IR
nA
VRWM = 5V
V
VRWM
Clamping voltage
V
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
IPP = 1A, TP = 8/20µs
VC
VC
IPP = 5A, TP = 8/20µs
Reverse stand-off voltage
Reverse breakdown voltage
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
Junction temperature range
Tj
°C
Storage temperature range
TSTG
°C
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
Peak pulse current
IPP
A
TP = 8/20µs
TP = 8/20µs
ESD
0.026(0.67)
0.022(0.57)
0201/DFN0603
Dimensions in inches and (millimeter)
0.015(0.37)
0.011(0.27)
0.013(0.340)
0.011(0.275)
0.002(0.06)
REF.
0.017(0.435)
0.014(0.365)
0.002(0.04)
REF.
0.011(0.275)
0.008(0.205)
0.007(0.175)
0.004(0.105)
0.007(0.175)
0.004(0.105)
Mechanical data
- Case: 0201/DFN0603 package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.0004 grams (approx.).
REV:A
AQW-G7056
5
7
5.3
17
13
5
100
-55 to +150
-55 to +125
7
8
±30
10
50
- AEC-Q101 Qualified.


Similar Part No. - ACPDZC5V0L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDZC5V0B-HF COMCHIP-ACPDZC5V0B-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDZC5V0BU-HF COMCHIP-ACPDZC5V0BU-HF Datasheet
475Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDZC5V0C-HF COMCHIP-ACPDZC5V0C-HF Datasheet
475Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDZC5V0HA-HF COMCHIP-ACPDZC5V0HA-HF Datasheet
474Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDZC5V0HP-HF COMCHIP-ACPDZC5V0HP-HF Datasheet
475Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDZC5V0L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com