Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR-2502 Datasheet(PDF) 1 Page - CUI Devices

Part # MR-2502
Description  AUDIO RECEPTACLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MR-2502 Datasheet(HTML) 1 Page - CUI Devices

  MR-2502 Datasheet HTML 1Page - CUI Devices MR-2502 Datasheet HTML 2Page - CUI Devices MR-2502 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 12/02/2021
page 1 of 3
MODEL: MR-2502
│ DESCRIPTION: AUDIO RECEPTACLE
cuidevices.com
FEATURES
• 2 conductor
• designed for overmolding
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance
between plug and receptacle
50
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
when mating with a standard plug
0.4
4
kgf
withdrawal force
when mating with a standard plug
0.4
4
kgf
operating temperature
-25
70
°C
operating humidity
85
%
life
5,000
cycles
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 1 second
380
400
420
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - MR-2502

ManufacturerPart #DatasheetDescription
logo
CUI INC
MR-2502 CUI-MR-2502 Datasheet
375Kb / 3P
AUDIO RECEPTACLE
More results

Similar Description - MR-2502

ManufacturerPart #DatasheetDescription
logo
CUI INC
SR-3530-01 CUI-SR-3530-01 Datasheet
375Kb / 3P
AUDIO RECEPTACLE
SR-6330 CUI-SR-6330 Datasheet
345Kb / 3P
AUDIO RECEPTACLE
SR-6330A CUI-SR-6330A Datasheet
331Kb / 3P
AUDIO RECEPTACLE
MR-2502 CUI-MR-2502 Datasheet
375Kb / 3P
AUDIO RECEPTACLE
MR-3502 CUI-MR-3502 Datasheet
388Kb / 3P
AUDIO RECEPTACLE
MR-3530 CUI-MR-3530 Datasheet
340Kb / 3P
AUDIO RECEPTACLE
MR-3530A CUI-MR-3530A Datasheet
323Kb / 3P
AUDIO RECEPTACLE
MR-6330 CUI-MR-6330 Datasheet
305Kb / 3P
AUDIO RECEPTACLE
MR-6330A CUI-MR-6330A Datasheet
294Kb / 3P
AUDIO RECEPTACLE
SR-3540-01 CUI-SR-3540-01 Datasheet
426Kb / 3P
AUDIO RECEPTACLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com