Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR-3501 Datasheet(PDF) 1 Page - CUI Devices

Part # MR-3501
Description  3.5 MM AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MR-3501 Datasheet(HTML) 1 Page - CUI Devices

  MR-3501 Datasheet HTML 1Page - CUI Devices MR-3501 Datasheet HTML 2Page - CUI Devices MR-3501 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/18/2019
page 1 of 3
MODEL: MR-3501
│ DESCRIPTION: 3.5 MM AUDIO JACK
cuidevices.com
FEATURES
• 3.5 mm audio jack
• cable mount
• mono audio
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact resistance
between terminal and mating plug
50
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.4
2
kg
operating temperature
-10
50
°C
life
3,000
cycles
flammability rating
UL94V-2 (PA only)
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 2 seconds max
360
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - MR-3501

ManufacturerPart #DatasheetDescription
logo
CUI INC
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
More results

Similar Description - MR-3501

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
3.5 MM AUDIO JACK
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com