Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYL2020B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYL2020B
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYL2020B Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYL2020B Datasheet HTML 1Page - NXP Semiconductors PBYL2020B Datasheet HTML 2Page - NXP Semiconductors PBYL2020B Datasheet HTML 3Page - NXP Semiconductors PBYL2020B Datasheet HTML 4Page - NXP Semiconductors PBYL2020B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYL2025B series
Schottky barrier
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
1.5
K/W
to mounting base
R
th j-a
Thermal resistance junction
pcb mounted, minimum footprint, FR4
-
50
-
K/W
to ambient
board
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 20 A; Tj = 150˚C
-
0.36
0.43
V
I
F = 20 A; Tj = 125˚C
-
0.39
0.45
V
I
F = 40 A; Tj = 125˚C
-
0.55
0.62
V
I
F = 40 A
-
0.59
0.65
V
I
R
Reverse current
V
R = VRWM
-
0.4
10
mA
V
R = VRWM; Tj = 100˚C
-
30
60
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
1230
-
pF
March 1998
2
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com