Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT15-R2-E0-P-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBT15-R2-E0-P-L
Description  Triangulation sensor (BGS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT15-R2-E0-P-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBT15-R2-E0-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT15-R2-E0-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT15-R2-E0-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT15-R2-E0-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT15-R2-E0-P-L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Triangulation sensor (BGS)
OBT15-R2-E0-P-L
< Ultra-small housing design
< DuraBeam Laser Sensors - durable and employable like an LED
< 45° cable outlet for maximum mounting freedom under extremely
tight space constraints
< Precision object detection, almost irrespective of the color
Laser triangulation sensor with background suppression, ultra-small design with M2 mounting, 15 mm
sensing range, light on, NPN output, 2 m fixed cable
Function
The R2 series nano sensor has been developed for a broad range of applications. It offers excellent durability and is exceptionally easy to install.
The housing is compact and, with its 45° cable outlet, can be installed in the smallest spaces. New functional principles and functionality open up
a range of new options. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor.
Dimensions
11.2
9.1
ø2.
6
3.8
Receiver
Emitter
Technical Data
General specifications
Detection range
7 ... 15 mm
Reference target
standard white, 100 mm x 100 mm
Light source
laser diode
Light type
modulated visible red light , 680 nm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBT15-R2-E0-P-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT15-R2-E0-P PF-OBT15-R2-E0-P Datasheet
992Kb / 4P
Triangulation sensor (BGS)
2023-04-05
More results

Similar Description - OBT15-R2-E0-P-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT20-R102-P1-IO-F PF-OBT20-R102-P1-IO-F Datasheet
677Kb / 5P
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO-V31 PF-OBT150-R101-2EP1-IO-V31 Datasheet
927Kb / 6P
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO PF-OBT150-R101-2EP1-IO Datasheet
896Kb / 6P
Triangulation sensor (BGS)
OBT20-R102-2P1-IO-V31-F PF-OBT20-R102-2P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT20-R102-P1-IO-V31-F PF-OBT20-R102-P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT300-18GM40-E0-V1 PF-OBT300-18GM40-E0-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM40-E2-V1 PF-OBT300-18GM40-E2-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM40-E2 PF-OBT300-18GM40-E2 Datasheet
786Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E4-V1 PF-OBT300-18GM60-E4-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E5-V1 PF-OBT300-18GM60-E5-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com