Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR103V3U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR103V3U-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR103V3U-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR103V3U-HF Datasheet HTML 1Page - Comchip Technology CPDVR103V3U-HF Datasheet HTML 2Page - Comchip Technology CPDVR103V3U-HF Datasheet HTML 3Page - Comchip Technology CPDVR103V3U-HF Datasheet HTML 4Page - Comchip Technology CPDVR103V3U-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
SMD ESD Protection Diode
Parameter
Symbol
Unit
Reverse working voltage
Conditions
It1 = 1mA; Any I/O to GND
VRWM
3.3
Triggering voltage
Vt1
Min
Typ
Max
3.6
V
V
Comchip Technology CO., LTD.
Reverse leakage current
Surge clamping voltage (tp = 8/20µs)
TLP clamping voltage
(tp = 10/100ns)
IR
10
0.8
Vh
Dynamic resistance tp = 10/100ns, tr = 1ns
7.0
0.35
RDYN
CJ
Junction capacitance
0.3
VC
50
7.5
0.6
VRWM = 3.3V; Any I/O to GND
Ih = 100mA; Any I/O to GND
IPP = 6A; Any I/O Pin to GND
IPP = 16A; Any I/O Pin to GND
I/O Pin to GND
VR = 0V, f = 1MHz, I/O to GND
V
V
V
nA
pF
Ω
Holding voltage
VC
Page 2
QW-JP089
REV:C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com