Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR24 Datasheet(PDF) 3 Page - CUI Devices

Part # PR24
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PR24 Datasheet(HTML) 3 Page - CUI Devices

  PR24 Datasheet HTML 1Page - CUI Devices PR24 Datasheet HTML 2Page - CUI Devices PR24 Datasheet HTML 3Page - CUI Devices PR24 Datasheet HTML 4Page - CUI Devices PR24 Datasheet HTML 5Page - CUI Devices PR24 Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CUI DEVICES | SERIES: PR24 | DESCRIPTION: POWER RELAY
date 08/15/2022 | page 3 of 6
cuidevices.com
2-O1.1
3-O2.1
17.8±0.1
5.3±0.3
4.2±0.3
5.7±0.3
14.0±0.1
8.9±0.1
3.8±0.1
+0.1
0
+0.1
0
2.54±0.3
15.2±0.3
15.2±0.3
1.2±0.1
1.2±0.1
27.4±0.3
3.8±0.3
1.6±0.1
1.2±0.1
17.8±0.3
14.0±0.3
8.9±0.3
2-0.7±0.1
2-0.7±0.1
0.9±0.1
1.3±0.1
31.8±0.3
MECHANICAL DRAWING (1A = 1 FORM A)
units: mm
tolerance: ±0.3 mm
unless otherwise noted
Recommended PCB Layout
Bottom View
Wiring Diagram
Bottom View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PBT (UL94V-0)
black
B
terminals
copper covered
steel
tin
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com