Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR1080 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR1080
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR1080 Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR1080 Datasheet HTML 1Page - NXP Semiconductors PBYR1080 Datasheet HTML 2Page - NXP Semiconductors PBYR1080 Datasheet HTML 3Page - NXP Semiconductors PBYR1080 Datasheet HTML 4Page - NXP Semiconductors PBYR1080 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR10100 series
Schottky barrier
Fig.1. Maximum forward dissipation P
F = f(IF(AV));
square current waveform where I
F(AV) =IF(RMS) x √D.
Fig.2. Maximum forward dissipation P
F = f(IF(AV));
sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.3. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.4. Typical reverse leakage current; I
R = f(VR);
parameter T
j
Fig.5. Typical junction capacitance; C
d = f(VR);
f = 1 MHz; T
j = 25˚C to 125 ˚C.
Fig.6. Transient thermal impedance; Z
th j-mb = f(tp).
0
10
PBYR10100
IF(AV) / A
PF / W
15
10
5
0
Vo = 0.550 V
Rs = 0.015 Ohms
0.1
D = 1.0
0.5
0.2
Tmb / C
150
130
140
120
5
15
T
I
D =
tp
tp
T
t
0
50
100
100
10
1
0.1
0.01
IR / mA
VR/ V
PBYR10100
75 C
100 C
125 C
150 C
Tj = 50 C
0
2
4
6
8
10
PBYR10100
IF(AV) / A
PF / W
10
8
6
4
2
0
a = 1.57
1.9
2.2
2.8
4
Vo = 0.550 V
Rs = 0.015 Ohms
Tmb / C
150
130
134
138
142
146
1
10
100
10000
1000
100
10
Cd/ pF
VR/ V
PBYR20100CT
0
1
2
PBYR10100
VF / V
IF / A
50
40
30
20
10
0
0.5
1.5
Tj = 25 C
Tj = 125 C
Typ
Max
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
PBYR10100
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
March 1998
3
Rev 1.200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com