Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC706PW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC706PW Datasheet HTML 9Page - Texas Instruments CDC706PW Datasheet HTML 10Page - Texas Instruments CDC706PW Datasheet HTML 11Page - Texas Instruments CDC706PW Datasheet HTML 12Page - Texas Instruments CDC706PW Datasheet HTML 13Page - Texas Instruments CDC706PW Datasheet HTML 14Page - Texas Instruments CDC706PW Datasheet HTML 15Page - Texas Instruments CDC706PW Datasheet HTML 16Page - Texas Instruments CDC706PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
www.ti.com
Block Read Programming Sequence
P
S
P
SCLK
SDATA
A
Bit 7 (MSB)
Bit 6
Bit 0 (LSB)
th(SDATA)
tsu(SDATA)
tsu(START)
t(BUS)
th(START)
tr(SM)
tr(SM)
tf(SM)
tf(SM)
tW(SCLH)
tW(SCLL)
tsu(STOP)
VIH(SM)
VIL(SM)
VIH(SM)
VIL(SM)
SMBus Hardware Interface
9
10
SDATA
SCLK
SMBHost
CDC706
CBUS
CBUS
RP
RP
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
1
7
1
1
8
1
1
7
1
1
S
Slave Address
Wr
A
CommandCode
A
Sr
Slave Address
Rd
A
8
1
8
1
8
1
1
Byte Count N
A
Data Byte 0
A
- - - - -
Data Byte N–1
A
P
Figure 10. Block Read Protocol
Figure 11. Timing Diagram Serial Control Interface
The following diagram shows how the CDC706 clock synthesizer is connected to the SMBus. Note that the
current through the pullup resistors (Rp) must meet the SMBus specifications (min 100 µA, max 350 µA). If the
CDC706 is not connected to SMBus, the SDATA and SCLK inputs have to be connected with 10 k
Ω resistors to
VCC to avoid floating input conditions.
Figure 12. SMBus Hardware Interface
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com