Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCL6010 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010 Datasheet(HTML) 3 Page - Texas Instruments

  CDCL6010 Datasheet HTML 1Page - Texas Instruments CDCL6010 Datasheet HTML 2Page - Texas Instruments CDCL6010 Datasheet HTML 3Page - Texas Instruments CDCL6010 Datasheet HTML 4Page - Texas Instruments CDCL6010 Datasheet HTML 5Page - Texas Instruments CDCL6010 Datasheet HTML 6Page - Texas Instruments CDCL6010 Datasheet HTML 7Page - Texas Instruments CDCL6010 Datasheet HTML 8Page - Texas Instruments CDCL6010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
CDCL6010
SLLS780 – FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES
FEATURES
–40
°C to +85°C
CDCL6010RGZT
48-pin QFN (RGZ) Package, small tape and reel
–40
°C to +85°C
CDCL6010RGZR
48-pin QFN (RGZ) Package, tape and reel
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted).(1)
VALUE
UNIT
VDD, AVDD
Supply voltage(2)
–0.3 to 2.5
V
VLVDS
Voltage range at LVDS input pins(2)
–0.3 to 4.0
V
VI
Voltage range at all non-LVDS input pins(2)
–0.3 to 3.0
V
ESD
Electrostatic discharge (HBM)
2
kV
TJ
Junction temperature
+125
°C
TSTG
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Digital supply voltage
1.7
1.8
1.9
V
AVDD
Analog supply voltage
1.7
1.8
1.9
V
TA
Ambient temperature (no airflow, no heatsink)
–40
+85
°C
TJ
Junction temperature
+105
°C
θ
JA
Junction-to-ambient thermal resistance(1):
airflow = 0 lfm
28.3
°C/W
airflow = 50 lfm
22.4
(1)
No heatsink; power uniformly distributed; 36 ground vias (6 x 6 array) tied to the thermal exposed pad; 4-layer high-K board.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com