Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2X101D30J Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APT2X101D30J
Description  Ultrafast Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT2X101D30J Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APT2X101D30J Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT2X101D30J Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT2X101D30J Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6034
eq APT2X101D30J
Ultrafast Recovery Rectifier Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TJ=25℃)
SYMBOL
PARAMETER
CONDITIONS
Min
Typ
MAX UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 100A
-
1.2
1.4
V
IF= 200A
-
1.5
-
IF= 100A , TJ= 125℃
-
1.0
-
IR
Maximum Instantaneous Reverse
Current
VR= VRWM
-
-
500
μ
A
VR= VRWM,TJ= 125℃
-
-
1000
trr
Maximum Reverse Recovery Time
IF = 1A, diF/dt =
-100A/μs, VR = 30V,
TJ = 25°C
-
37
-
ns
Package Outline
DIM
Millimeter
min
max
A
31.40
31.60
B
7.70
8.10
C
4.20
4.40
D
4.20
4.40
E
4.10
4.40
F
14.90
15.10
G
30.10
30.30
H
38.00
38.40
J
12.00
12.60
K
9.35
9.65
L
0.74
0.84
M
12.30
12.70
N
24.40
25.00
0
1.90
2.10
P
2.92
3.32
Q
26.60
27.00
R
3.80
4.20
S
4.95
5.45
T
23.70
24.30
U
0
0.10
V
3.50
5.50
W
20.15
20.45
Z
2.50
2.70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com