Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGHL40T120SWD Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # FGHL40T120SWD
Description  Field Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FGHL40T120SWD Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  FGHL40T120SWD Datasheet HTML 1Page - Inchange Semiconductor Company Limited FGHL40T120SWD Datasheet HTML 2Page - Inchange Semiconductor Company Limited FGHL40T120SWD Datasheet HTML 3Page - Inchange Semiconductor Company Limited FGHL40T120SWD Datasheet HTML 4Page - Inchange Semiconductor Company Limited FGHL40T120SWD Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ISG2046
eq FGHL40T120SWD
Field Stop IGBT
www.iscsemi.com
4
DIODE CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF = 40A
TC=25℃
1.62
1.87
2.25
V
TC=175℃
1.85
trr
Diode Reverse Recovery Time
IF =20A
dI/dt = 1000 A/µs
VR= 600V
TJ=25℃
--
113
--
ns
Qrr
Diode Reverse Recovery Charge
--
1433
--
nC
EREC
Reverse Recovery Energy
--
0.4
--
mJ
Irr
Diode Peak Reverse Recovery
Current
--
25.5
--
A
trr
Diode Reverse Recovery Time
IF = 40A
dI/dt = 1000 A/µs
VR= 600V
TJ=125℃
--
185
--
V
Qrr
Diode Reverse Recovery Charge
--
2512
--
ns
EREC
Reverse Recovery Energy
--
0.7
--
A
Irr
Diode Peak Reverse Recovery
Current
--
27
--
nC
trr
Diode Reverse Recovery Time
IF = 20A
dI/dt = 1000 A/µs
VR= 600V
TJ=175℃
--
193
--
V
Qrr
Diode Reverse Recovery Charge
--
3258
--
ns
EREC
Reverse Recovery Energy
--
1.0
--
A
Irr
Diode Peak Reverse Recovery
Current
--
33.6
--
nC
trr
Diode Reverse Recovery Time
IF = 40A
dI/dt = 1000 A/µs
VR= 600V
TJ=175℃
--
275
--
V
Qrr
Diode Reverse Recovery Charge
--
5211
--
ns
EREC
Reverse Recovery Energy
--
1.7
--
A
Irr
Diode Peak Reverse Recovery
Current
--
38
--
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com