Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3794A Datasheet(PDF) 61 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3794A
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3794A Datasheet(HTML) 61 Page - Burr-Brown (TI)

Back Button PCM3794A Datasheet HTML 57Page - Burr-Brown (TI) PCM3794A Datasheet HTML 58Page - Burr-Brown (TI) PCM3794A Datasheet HTML 59Page - Burr-Brown (TI) PCM3794A Datasheet HTML 60Page - Burr-Brown (TI) PCM3794A Datasheet HTML 61Page - Burr-Brown (TI) PCM3794A Datasheet HTML 62Page - Burr-Brown (TI) PCM3794A Datasheet HTML 63Page - Burr-Brown (TI) PCM3794A Datasheet HTML 64Page - Burr-Brown (TI) PCM3794A Datasheet HTML 65Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
www.ti.com
CONNECTION DIAGRAMS
C7
Stereo
Headphone
To Regulator
R2
C1
C2
C3
C4
C5
C6
Low or High
R
R
1
4
SCKI (7)
BCK(1)
LRCK (32)
DIN(2)
DOUT (3)
MODE (28)
MS/ADR (29)
MD/SDA (30)
MC/SCL (31)
VCOM (18)
(11) SPORP
(10) SPORN
(8)HDTI
(16) HPOR/LOR
AIN1L (27)
AIN1R (26)
AIN2L (25)
AIN2R (24)
AIN3L (23)
AIN3R (22)
MICB (21)
(15) SPOLP
(14) SPOLN
(17) HPOL/LOL
(9) HPCOM/MONO
C10
(20) VCC
(19) AGND
(12) VPA
C11
(13) PGND
(4)VIO
(5)V
DD
(6)DGND
C8
C9
C
C
13
14
C12
R3
Monaural
LineOutput
S0220-02
PCM3793A/94A
SPOLP/
SPORP
SPOLN/
SPORN
B1
C16
C15
B2
L1
C18
C17
L2
SPOLP/
SPORP
SPOLN/
SPORN
S0221-01
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Figure 40. Connection Diagram
Table 16. Recommended External Parts
C1–C6
1
µF
C12, C13
10
µF–220 µF
C7
4.7
µF
C14
1
µF–10 µF
C8
0.1
µF
R1, R2
2.2 k
Ω
C9, C10
1
µF–4.7 µF
R3
33 k
Ω
C11
4.7
µF–10 µF
R4
10 k
Ω
NOTE: C15, C16 = 1 nF; C17, C18 = 1 µF; B1, B2: NEC/Tokin N2012ZPS121; L1, L2 = 22 µH to 33 µH
Figure 41. Filter Consideration for Speaker Output
61
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com