Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST-FST-C100_100-P Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # FST-FST-C100_100-P
Description  ST adapter, SM / MM, fixed flange with counternut
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

FST-FST-C100_100-P Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  FST-FST-C100_100-P Datasheet HTML 1Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
DATA SHEET
Adapter
ST adapter, SM / MM, fixed flange with counternut
FST-FST-C100_100-P
Properties
• D-shape for panel mount,
including fixed nut
• Metal housing, ceramic
sleeve
General data
Adapter family
ST
Type
Simplex
Mechanical data
Weight
7.5 g
Housing colour
Metal
Housing material
Metal
Flange type
Hex Flange, D-shape Panel Mount, counter nut
Mating cycles with repeated cleaning
200
Environmental data
Temperature
Operation temperature
-40 °C ... 85°C
Ordering Information Table
Item number
Item description
22650886
FST-FST-C100_100-P
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P14514 / Date of publication: 02.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - FST-FST-C100_100-P

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FST-10 GAMEWELL-FCI-FST-10 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-2 GAMEWELL-FCI-FST-2 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
logo
TE Connectivity Ltd
FST-21A-10 TEC-FST-21A-10 Datasheet
471Kb / 4P
FLEXSTRIP PIN CONFIGURATIONS, GENERIC
22MAR11
logo
Gamewell-FCI by Honeywe...
FST-3 GAMEWELL-FCI-FST-3 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-4 GAMEWELL-FCI-FST-4 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
More results

Similar Description - FST-FST-C100_100-P

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607935 PHOENIX-1607935 Datasheet
53Kb / 2P
Square mounting flange with O-ring - SM-Z0003
1607937 PHOENIX-1607937 Datasheet
53Kb / 2P
Square mounting flange - SM-Z0004
logo
Huber+Suhner, Inc.
CLIK_-A100_100-P HUBERSUHNER-CLIK_-A100_100-P Datasheet
1Mb / 2P
CLIK!® Adapter, SM, UPC, snap-in flange, simplex, white
FCPC-D101 HUBERSUHNER-FCPC-D101 Datasheet
206Kb / 2P
Adapter SC / FC, SM, UPC, 2-hole flange, simplex, blue
FCPC-D600_100-P HUBERSUHNER-FCPC-D600_100-P Datasheet
213Kb / 2P
Adapter SC / FC, SM, APC, 2-hole flange, simplex, green
FSC-D101 HUBERSUHNER-FSC-D101 Datasheet
334Kb / 1P
Adapter E-2000® / SC, SM, UPC, 2-hole flange, simplex, blue
FSC-D601 HUBERSUHNER-FSC-D601 Datasheet
446Kb / 2P
Adapter E-2000® / SC, SM, APC, 2-hole flange, simplex, green
FST-A100 HUBERSUHNER-FST-A100 Datasheet
369Kb / 2P
Adapter SC / ST, SM, UPC, snap-in flange, simplex, blue
FST-D100-02_100-P HUBERSUHNER-FST-D100-02_100-P Datasheet
279Kb / 2P
Adapter SC / ST, MM, PC, 2-hole flange, duplex, blue
FST-D101_100-P HUBERSUHNER-FST-D101_100-P Datasheet
225Kb / 2P
Adapter SC / ST, MM, PC, 2-hole flange, simplex, black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com