Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3345QSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3345QSC
Description  8-Bit Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3345QSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3345QSC Datasheet HTML 1Page - Fairchild Semiconductor FST3345QSC Datasheet HTML 2Page - Fairchild Semiconductor FST3345QSC Datasheet HTML 3Page - Fairchild Semiconductor FST3345QSC Datasheet HTML 4Page - Fairchild Semiconductor FST3345QSC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500019
www.fairchildsemi.com
June 1997
Revised March 2005
FST3345
8-Bit Bus Switch
General Description
The Fairchild Switch FST3345 provides 8-bits of high-
speed CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as an 8-bit switch bank with dual
output enable inputs (OE and OE). When OE is LOW or
OE is HIGH, the switch is ON and Port A is connected to
Port B. When OE is HIGH and OE is LOW, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
s 4
: switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package
Package Description
Number
FST3345WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
FST3345QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FST3345MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
FST3345MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Name
Description
OE, OE
Bus Switch Enables
ABus A
BBus B
Inputs
Function
OE
OE
X
L
Connect
H
X
Connect
L
H
Disconnect


Similar Part No. - FST3345QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3345QSC FAIRCHILD-FST3345QSC Datasheet
119Kb / 6P
8-Bit Bus Switch
FST3345QSC FAIRCHILD-FST3345QSC Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345QSCX FAIRCHILD-FST3345QSCX Datasheet
439Kb / 9P
8-Bit Bus Switch
More results

Similar Description - FST3345QSC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com