Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR-3501 Datasheet(PDF) 2 Page - CUI Devices

Part # SR-3501
Description  3.5 MM AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SR-3501 Datasheet(HTML) 2 Page - CUI Devices

  SR-3501 Datasheet HTML 1Page - CUI Devices SR-3501 Datasheet HTML 2Page - CUI Devices SR-3501 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/18/2019
│ page 2 of 3
CUI Devices
│ MODEL: SR-3501 │ DESCRIPTION: 3.5 MM AUDIO JACK
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.3 mm
Model No.
SR-3501
Schematic
PIN
1
tip
2
ring
3
sleeve
1
5
6
T
R
S
4
3
2
2
37
A
A
A−A Sect
A−A
TERMINAL No.
ø 4
10.3
2
1
3
MATERIAL
PLATING
(1) sleeve
brass
nickel
(2) housing
PA
(3) terminal 2
phosphor bronze nickel
(4) terminal 1
phosphor bronze nickel
(5) terminal 3
brass
nickel
(6) cap
PE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com