Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-POWERTAP-BT Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # POE-POWERTAP-BT
Description  802.3bt 90W PoE Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-POWERTAP-BT Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  POE-POWERTAP-BT Datasheet HTML 1Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POE-POWERTAP-BT Spec Rev 1 6/13/2022
Specifications Subject to Change Without Notice
802.3bt 90W PoE Splitter
Features
•
802.3bt 90W Power Only Splitter
•
Also works with 802.3af, at and passive PoE
•
PoE, PoE+ and PoE++ Compatible
•
Full Metal Housing with LED power indicator
•
Industrial strength operating range -40C to +70C
•
90W Maximum Output Power on Wire Terminal
Applications
• Remotely Power Non PoE Input DC Devices
• Managed PoE Switches
• LED Lighting, Sensors, Relays
Description
The Low Cost POE-POWERTAP-BT is a PoE splitter which takes a PoE input and provides the DC voltage on a wire
terminal connector. Maximum power out is specified at 90W. The device is compatible with 802.3af/at/bt and 2pair or 4pair
passive PoE input. There is no data output.
They have a full metal body for improved EMI and surge suppression and have integral mounting tabs. The PowerTap
has built in electrical surge and overload protections and a unique LED status indicator. Incorporating a rugged, compact, in-line
design, they are perfect for indoor use or outdoor use inside a weatherproof enclosure.
Specifications
POE-POWERTAP-BT
Input PoE Voltage
44VDC to 57VDC (802.3af/at/bt) or 2 pair or 4 pair 48V Passive PoE
Output Voltage
44 to 57VDC, Voltage Output = Voltage Input, Efficiency 98.4%
Maximum Load
90W Max, 100uF Max
Surge Protection
IEC-61000-4-2 ESD 30kV(Air), 30kV (Contact)
MTBF (MIL-HDBK-217F 70C)
961,723 Hrs
Operating Temperature
-40 to +70°C
Storage Temperature
-40 to +85°C
Operating Humidity
0% to 95% non-condensing
Size (L x W x H)
3.65 x 1 x 1” (93 x 25.4 x 25.4mm)
Weight
2.25oz (64g)
Input Connector
RJ45 Shielded Jack
Output Connector
Wire Terminal, Max wire size 12AWG
Warranty
3 Years
System Ordering:
POE-POWERTAP-BT 802.3bt PoE to Wire Terminal Splitter
For further information contact:
Tyconsystems.com
DATA SHEET
POE-POWERTAP-BT
14641 S 800 W Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220


Similar Part No. - POE-POWERTAP-BT

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-POWERTAP TYCONSYSTEMS-POE-POWERTAP Datasheet
226Kb / 1P
PoE PowerTap
More results

Similar Description - POE-POWERTAP-BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1860 ETC2-AS1860 Datasheet
1Mb / 51P
60W/90W PoE PD Controllers
logo
Red Lion Controls. Inc
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
Industrial PoE Splitter
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Tripp Lite. All Rights ...
NPOEI-90W-1G TRIPPLITE-NPOEI-90W-1G Datasheet
165Kb / 3P
Industrial Gigabit Ethernet PoE injector, 90W PoE, 802.3bt, Midspan, -40 to 75, IP30 housing, Dual 24~57VDC , DIN rail, 1 Port
logo
Microchip Technology
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com