Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-POWERTAP Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # POE-POWERTAP
Description  PoE PowerTap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-POWERTAP Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  POE-POWERTAP Datasheet HTML 1Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POE-PowerTap Spec Rev 2 29-Jan-18
Specifications Subject to Change Without Notice
PoE PowerTap
Features
• Allows monitoring / testing of PoE voltage
• Allows tapping into PoE output to extract voltage onto
flying lead wires
• High Temperature Operation
• Very Compact
Description
The POE-PowerTab is a unique tool that allows monitoring or testing of PoE voltages, Extracting PoE voltage from a
PoE switch or injector or Injecting PoE voltages to CAT5 cable. The POE-PowerTap is outfitted with a wire terminal
connector for up to 12awg wire.
Device Pinouts
Specifications
Ordering:
POE-PowerTap
PoE Voltage Extractor / Inserter
For further information contact:
RJ-45 ( Power)
Pin
Symbol
Description
1
NC
No Connection
2
NC
No Connection
3
NC
No Connection
4
Vin+-
Power
5
Vin+-
Power
6
NC
No Connection
7
Vin+-
Power
8
Vin+-
Power
POE-PowerTap
Maximum Current
2A
Maximum Wire Size
12awg
Operating Temperature
-40 to +70°C (-40 to +158°F)
Operating Humidity (RH)
5% - 90% non condensing
Storage Temperature
-40 to +80°C (-40 to +176°F)
Dimensions (LxWxH)
32 x 13 x 15mm (1.25 x 0.5 x 0.6
”)
Weight
5g (0.2oz)
Notes:
•
All shipments F.O.B. Bluffdale, UT 84065
•
POE-PowerTap carries a 3 year warranty
Tyconsystems.com
DATA SHEET
POE-PowerTap
POE-PowerTap
14641 S 800 W Suite A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220


Similar Part No. - POE-POWERTAP

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-POWERTAP-BT TYCONSYSTEMS-POE-POWERTAP-BT Datasheet
193Kb / 1P
802.3bt 90W PoE Splitter
More results

Similar Description - POE-POWERTAP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP30035L MOTOROLA-MBRP30035L Datasheet
54Kb / 2P
SWITCHMODE??Schottky Power Rectifier(POWERTAP III Package)
MBRP30045CT MOTOROLA-MBRP30045CT Datasheet
59Kb / 2P
POWERTAP II SWITCHMODE??Power Rectifiers
MBRP400100CTL MOTOROLA-MBRP400100CTL Datasheet
63Kb / 2P
POWERTAP II??SWITCHMODE??Power Rectifier
MBRP40045CTL MOTOROLA-MBRP40045CTL Datasheet
63Kb / 2P
POWERTAP II??SWITCHMODE??Power Rectifier
MBRP60035CTL MOTOROLA-MBRP60035CTL Datasheet
84Kb / 4P
POWERTAP II??SWITCHMODE??Power Rectifier
logo
ON Semiconductor
MBRP20045CT ONSEMI-MBRP20045CT Datasheet
140Kb / 4P
POWERTAP II SWITCHMODE Power Rectifier
September, 2006 ??Rev. 6
MBRP20060CT ONSEMI-MBRP20060CT Datasheet
174Kb / 6P
POWERTAP II SWITCHMODE Power Rectifier
September, 2006 ??Rev. 4
MBRP40045CTL ONSEMI-MBRP40045CTL Datasheet
117Kb / 3P
POWERTAP II SWITCHMODE Power Rectifier
September, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
MURP20020CT NJSEMI-MURP20020CT Datasheet
89Kb / 2P
POWERTAP??II Ultrafast SWITCHMODE??Power Rectifiers
MBRP30045CT NJSEMI-MBRP30045CT Datasheet
86Kb / 2P
POWERTAP II SWITCHMODE Power Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com