Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-MSPLT-USB Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # POE-MSPLT-USB
Description  PoE Splitter / Voltage Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-MSPLT-USB Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  POE-MSPLT-USB Datasheet HTML 1Page - Tycon Systems, Inc. POE-MSPLT-USB Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE-MSPLT-xx
POE-MSPLT-xx Dynamic Splitter Spec Rev 2
14 January 2021
Specifications Subject to Change Without Notice
Page 2
Device Pinouts
– 10/100MB
RJ-45 Input (Data + Power)
RJ-45 Output (Data)
Pin
Symbol
Description
Symbol
Description
1
RX+ / Vin+-
Data Receive(+) & Power
RX+
Data Receive(+)
2
RX- / Vin+-
Data Receive(-) & Power
RX-
Data Receive(-)
3
TX+ / Vin+-
Data Transmit(+) &
Power
TX+
Data Transmit(+)
4
Vin+-
Power
NC
No Connection
5
Vin+-
Power
NC
No Connection
6
TX- / Vin+-
Data Transmit(-) & Power
TX-
Data Transmit(-)
7
Vin+-
Power
NC
No Connection
8
Vin+-
Power
NC
No Connection
System Ordering:
POE-MSPLT-4805
PoE Splitter/Voltage Converter 802.3af/at PoE Input to 5VDC 12W output
POE-MSPLT-4809
PoE Splitter/Voltage Converter 802.3af/at PoE Input to 9VDC 12W output
POE-MSPLT-4812
PoE Splitter/Voltage Converter 802.3af/at PoE Input to 12VDC 12W output
POE-MSPLT-4824
PoE Splitter/Voltage Converter 802.3af/at PoE Input to 24VDC 12W output
POE-MSPLT-USB
PoE to USB Converter 802.3af/at PoE Input to 5V USB 15W output (Power Only)
For further information contact:
•
Tycon Power Systems Power Sources carry a 1 year warranty
Tyconsystems.com
14641 S 800 W Suite A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
Notes:
•
Tycon Power® power sources carry a 3 year warranty
POE-MSPLT-USB
PoE to USB Converter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com