Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30MUX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB30MUX
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30MUX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB30MUX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
2
Connection Diagrams
Analog Symbol
Pin Descriptions
Truth Table
Pin Name
Description
OE
Bus Switch Enable
S
Select Input
D+, D
−, HSDn+, HSDn−
Data Ports
NC
No Connect
S
OE
Function
X
HIGH
Disconnect
LOW
LOW
D+, D
− = HSD1
n
HIGH
LOW
D+, D
− = HSD2
n
HSD1+
HSD2+
D+
S
OE
Control
HSD1–
HSD2–
D–
9
Pad Assignments for MicroPak
(Top View)
Pad Assignments for DQFN
(Top Through View)
Pin Assignment for MSOP
(Top Through View)
(Top Through View)
87
6
5
10
2
14
VCC
VCC
VCC
13
OE
13
4
1
8
7
NC
NC
GND
GND
12
HSD1–
11
NC
10
HSD2–
9
2
3
4
5
6
D–
S
HSD1+
NC
HSD2+
D+
S
HSD1+
GND
HSD2+
D+
Pad Assignments for µMLP
OE
HSD1–
HSD2–
D–
10
9
8
7
6
1
2
3
4
5
VCC
Sel
1
2
7
6
3
4
5
10
9
8
GND
D+
OE
D–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com