Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT901 Datasheet(PDF) 6 Page - QuWireless

Part # RUT901
Description  Integrated outdoor multi band high power LTE directional antenna outdoor Wi-Fi omni antenna place toinstall Teltonika RUT951, RUT950 or 900 (All-in-one)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT901 Datasheet(HTML) 6 Page - QuWireless

  RUT901 Datasheet HTML 1Page - QuWireless RUT901 Datasheet HTML 2Page - QuWireless RUT901 Datasheet HTML 3Page - QuWireless RUT901 Datasheet HTML 4Page - QuWireless RUT901 Datasheet HTML 5Page - QuWireless RUT901 Datasheet HTML 6Page - QuWireless RUT901 Datasheet HTML 7Page - QuWireless RUT901 Datasheet HTML 8Page - QuWireless RUT901 Datasheet HTML 9Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LTE from 700MHz to 900MHz
LTE from 1.71GHz to 2.17GHz
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
700 MHz
800 MHz
900 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
700 MHz
800 MHz
900 MHz
-3 dB
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
1710 MHz
1900 MHz
2170 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
1710 MHz
1900 MHz
2170 MHz
-3 dB
DATASHEET / QuMax for Teltonika
RUT951/RUT950/RUT901
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 6
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com