Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR100 Datasheet(PDF) 4 Page - QuWireless

Part # TCR100
Description  INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

TCR100 Datasheet(HTML) 4 Page - QuWireless

  TCR100 Datasheet HTML 1Page - QuWireless TCR100 Datasheet HTML 2Page - QuWireless TCR100 Datasheet HTML 3Page - QuWireless TCR100 Datasheet HTML 4Page - QuWireless TCR100 Datasheet HTML 5Page - QuWireless TCR100 Datasheet HTML 6Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Gain
-1
0
1
2
3
4
5
6
7
500
1000
1500
2000
2500
3000
680
960
1710
2170
2300 2400
2500 2700
Frequency [MHz]
From 700MHz to 900MHz
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
700 MHz
800 MHz
900 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
700 MHz
800 MHz
900 MHz
-3 dB
DATASHEET / QuMax Omni for Teltonika TCR100
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 4
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com