Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC01SCUSFCUSSM20ESS Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # PC01SCUSFCUSSM20ESS
Description  Simplex_SC-FC_UPC_2.0mm_yellow_SM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PC01SCUSFCUSSM20ESS Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  PC01SCUSFCUSSM20ESS Datasheet HTML 1Page - Huber+Suhner, Inc. PC01SCUSFCUSSM20ESS Datasheet HTML 2Page - Huber+Suhner, Inc. PC01SCUSFCUSSM20ESS Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA SHEET
Assemblies
Simplex_SC-FC_UPC_2.0mm_yellow_SM
PC01_SCUS_FCUS_SM20E_XX.X_SS
Properties
• One-piece design
for easy and quick
termination
• Push-pull connector
General data
Assembly family
Simplex patch cord - SC to FC
Application Area
Indoor
Fiber quantity
1 pcs
Flammability rating
UL 94 V-0
Operation temperature
-25 °C ... 70°C
Side A / Le
Type
Fiber Optic Connector
Connector family
SC
Gender
Plug
Housing colour FO Connector
Blue
Boot colour
Black
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-4, TIA 604-3 (SC)
Pe ormance class H+S
S
Polishing
UPC
Insertion loss 97%
≤ 0.45 dB
Insertion loss typical
≤ 0.2 dB
Return loss
≥ 50 dB
Side B / Right
Type
Fiber Optic Connector
Connector family
FC
Gender
Plug
Housing colour FO Connector
Metal
Boot colour
Black
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-13, TIA 604-4B, EN 50377-2-1, EN 50377-2-2 (FC)
Pe ormance class H+S
S
hubersuhner.com


Similar Part No. - PC01SCUSFCUSSM20ESS

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
PC01SCUSSCASA220ESS HUBERSUHNER-PC01SCUSSCASA220ESS Datasheet
199Kb / 2P
Simplex_SC-SC_UPC/APC_2.0mm_yellow_SM/A2
PC01SCUSSCUSA220ESS HUBERSUHNER-PC01SCUSSCUSA220ESS Datasheet
284Kb / 3P
Simplex_SC-SC_UPC_2.0mm_yellow_SM/A2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com