Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR2100CT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR2100CT
Description  Schottky barrier double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR2100CT Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR2100CT Datasheet HTML 1Page - NXP Semiconductors PBYR2100CT Datasheet HTML 2Page - NXP Semiconductors PBYR2100CT Datasheet HTML 3Page - NXP Semiconductors PBYR2100CT Datasheet HTML 4Page - NXP Semiconductors PBYR2100CT Datasheet HTML 5Page - NXP Semiconductors PBYR2100CT Datasheet HTML 6Page - NXP Semiconductors PBYR2100CT Datasheet HTML 7Page - NXP Semiconductors PBYR2100CT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 25
3
Philips Semiconductors
Product specification
Schottky barrier double diode
PBYR2100CT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Refer to SOT223 standard mounting conditions.
2. For Schottky barrier diodes thermal run-away has to be considered, as in some applications, the reverse power
losses PR are a significant part of the total power losses. Nomograms for determination of the reverse power losses
PR and IF(AV) rating will be available on request.
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOT223 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
100
V
VRRM
repetitive peak reverse voltage
−
100
V
VRWM
crest working reverse voltage
−
100
V
IF(AV)
average forward current
Tamb =85 °C; see Fig.2;
Rth j-a = 70 K/W; note 1;
VR(equiv) = 0.2 V; note 2
−
1A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sine wave;
JEDEC method
−
10
A
IRSM
non-repetitive peak reverse current
tp = 100 µs
−
0.5
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Tamb
operating ambient temperature
−
85
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
IF = 1 A; note 1; see Fig.3
790
mV
IF = 1 A; Tj = 100 °C; note 1; see Fig.3
690
mV
IR
reverse current
VR =VRRMmax; note 1; see Fig.4
0.5
mA
VR =VRRMmax; Tj = 100 °C; note 1; see Fig.4
5
mA
Cd
diode capacitance
VR = 4 V; f = 1 MHz; see Fig.5
100
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
70
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com