Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR2150CT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR2150CT
Description  Schottky barrier double diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR2150CT Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR2150CT Datasheet HTML 1Page - NXP Semiconductors PBYR2150CT Datasheet HTML 2Page - NXP Semiconductors PBYR2150CT Datasheet HTML 3Page - NXP Semiconductors PBYR2150CT Datasheet HTML 4Page - NXP Semiconductors PBYR2150CT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Oct 14
2
Philips Semiconductors
Preliminary specification
Schottky barrier double diode
PBYR2150CT
FEATURES
• Low switching losses
• Low forward voltage
• High breakdown voltage
• Fast recovery time
• Guard ring protected
• Plastic SMD package.
APPLICATIONS
• Low power, switched-mode
power supplies
• Rectification
• Polarity protection.
DESCRIPTION
The PBYR2150CT is a Schottky barrier double diode, fabricated in planar
technology, and encapsulated in a SOT223 plastic SMD package.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
common cathode
3
anode (a2)
4
common cathode
4
123
Top view
MAM086
4
1
3
2
Fig.1 Simplified outline (SOT223), pin configuration and symbol.
Marking code: BYR215.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
150
V
VRRM
repetitive peak reverse voltage
−
150
V
VRWM
crest working reverse voltage
−
150
V
IF(AV)
average forward current
Tamb =85 °C; Rth j-a = 70 K/W;
note 1; VR(equiv) = 0.2 V; note 2
−
1A
IFSM
non-repetitive peak forward current t = 8.3 ms half sinewave;
JEDEC method
−
10
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com