Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE3110 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # DSE3110
Description  MANUAL & AUTO START CONTROL MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE3110 Datasheet(HTML) 2 Page - Deep Sea Electronics

  DSE3110 Datasheet HTML 1Page - Deep Sea Electronics DSE3110 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
055-064/07/10 (4)
KEY FEATURES
• Back-lit icon LCD display
• Front panel editing
• LED and LCD alarm indication
• Power Save mode
• CAN and Magnetic Pick-up/Alt.
versions available (specify on
ordering)
• PC configurable
• 6 Digital inputs
• 4 Outputs (2 configurable on
Magnetic Pick up/Alt., 4
configurable on CAN version)
• Configurable timers and alarms
• Alternative configuration
• Remote Start input
• Generator voltage display
• Generator frequency display
• Battery voltage display
• Engine speed display
• Hours counter
• Engine pre-heat
• Comprehensive shutdown or
warning on fault condition
KEY BENEFITS
• Tamper-proof hours counter
provides accurate information
for monitoring and maintenance
periods
• Multiple engine parameters are
monitored simultaneously
• Module can be configured to
suit individual applications
• Suitable for engine only
applications
• Compatible with a wide range
of CAN engines
• Uses DSE Configuration Suite
PC software for simplified
configuration
• IP65 rating (with optional
gasket) offers increased
resistance to water ingress
• Licence-free PC software
RELATED MATERIALS
TITLE
PART NO’S
DSE3110 Installation Instructions
053-050
DSE3110 Quick Start Guide
057-104
DSE3110 Operator Manual
057-086
DSE3110 Configuration Suite PC Software Manual
057-087
SPECIFICATION
DC SUPPLY
CONTINUOUS VOLTAGE RATING
8 V to 35 V Continuous
CRANKING DROPOUTS
Able to survive 0 V for 50 mS, providing
supply was at least 10 V before dropout
and supply recovers to 5 V. This is achieved
without the need for internal batteries
CHARGE FAIL/ EXCITATION
8 V to 35 V fixed power source 2.5 W
NOMINAL STANDBY CURRENT
23 mA at 12 V, 18 mA at 24 V
MAXIMUM OPERATING CURRENT
35 mA at 12 V, 30 mA at 24 V
OUTPUTS
OUTPUT A (FUEL)
2 A DC at supply voltage
OUTPUT B (START)
2 A DC at supply voltage
AUXILIARY OUTPUTS C,D
2 A DC at supply voltage
GENERATOR
VOLTAGE RANGE
15 V - 333 V AC (L-N)
FREQUENCY RANGE
3.5 Hz to 75 Hz
MAGNETIC PICK UP
VOLTAGE RANGE
+/- 0.5 V to 70 V
FREQUENCY RANGE
10,000 Hz (max)
DIMENSIONS
OVERALL
98 mm x 79 mm x 40 mm
3.9” x 3.1” x 1.6”
PANEL CUT-OUT
80 mm x 68 mm
3.1” x 2.7”
MAXIMUM PANEL THICKNESS
8 mm
0.3”
dse3110
MANUAL & AUTO START CONTROL MODULE
®
dse
Genset
FEATURES
Registered in England & Wales No.01319649
VAT No.316923457
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com