Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5945PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5945PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5945PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5945PWPR Datasheet HTML 1Page - Texas Instruments TLC5945PWPR Datasheet HTML 2Page - Texas Instruments TLC5945PWPR Datasheet HTML 3Page - Texas Instruments TLC5945PWPR Datasheet HTML 4Page - Texas Instruments TLC5945PWPR Datasheet HTML 5Page - Texas Instruments TLC5945PWPR Datasheet HTML 6Page - Texas Instruments TLC5945PWPR Datasheet HTML 7Page - Texas Instruments TLC5945PWPR Datasheet HTML 8Page - Texas Instruments TLC5945PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS.
TLC5945
SLVS755 – MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER
–40
°C to 85°C
28-pin HTSSOP PowerPAD™
TLC5945PWP
–40
°C to 85°C
32-pin 5 mm x 5 mm QFN
TLC5945RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VI
Input voltage range(2)
VCC
–0.3 V to 6 V
IO
Output current (dc)
90 mA
VI
Input voltage range
V(BLANK), V(SCLK), V(XLAT), V(MODE), V(SIN), V(GSCLK), V(IREF), V(TEST)
–0.3 V to VCC +0.3 V
V(SOUT), V(XERR)
–0.3 V to VCC +0.3 V
VO
Output voltage range
V(OUT0) to V(OUT15)
–0.3 V to 18 V
HBM (JEDEC JESD22-A114, Human Body Model)
2 kV
ESD rating
CDM (JEDEC JESD22-C101, Charged Device Model)
500 V
Tstg
Storage temperature range
–55
°C to 150°C
TA
Operating ambient temperature range
–40
°C to 85°C
HTSSOP (PWP)(4)
31.58
°C/W
Package thermal impedance(3)
QFN (RHB)(4)
35.9
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
With PowerPAD soldered on PCB with 2-oz. trace of copper. See TI application report SLMA002 for further information.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com