Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE855 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # DSE855
Description  dse855
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE855 Datasheet(HTML) 2 Page - Deep Sea Electronics

  DSE855 Datasheet HTML 1Page - Deep Sea Electronics DSE855 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
dse855
dse
Genset
®
ENVIRONMENTAL TESTING STANDARDS
ELECTRO MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Emission Standard for the
Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for the
Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology
Equipment, including Electrical Business
Equipment
TEMPERATURE
BS EN 60068-2-2
Test Ab to +70
°C60067-2-2Hot
Test Ab to -30
°C60068-2-1Cold
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three major axes
5 Hz to 8 Hz at +/-7.5 mm, 8 Hz to 500 Hz
at 2 GN
HUMIDITY
BS 2011 part 2.1 60068-2-30
Test Cb Ob Cyclic
93% RH at 40
°Cfor48hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15 GN in 11 mS
ETHERNET
DC POWER
SUPPLY 8-35V
7
OTHER
DSE855
WEB SERVER
MODBUS TCP
USB
ISSUE 1
COMPREHENSIVE FEATURE LIST TO SUIT A
WIDE VARIETY OF APPLICATIONS
CONNECTION TO DSE MODULE
See above for compatible controllers
COMPATIBLE DSE CONTROLLERS
INCLUDE:
DSEL400
DSEL401
DSE4310
DSE4410
DSE4510
DSE4610
DSE6010
DSE6110
DSE6610
DSE7110
DSE7110MKII
DSE7210
DSE7310
The DSE855 is a communications
device that allows you to monitor a
single DSE controller with USB
connectivity over a LAN (network) or
WAN (internet) connection. This is
achieved using the in-built web
server or MODBUS TCP.
If the device needs to be seen over
the internet, the internet router’s IP
address has to be configured to be
visible to the outside world. Once
this has been done the DSE855 can
be communicated with from any
remote location that has internet
connectivity. The device has been
designed to work with a wide range
of DSE controllers.
The device also includes an LED
indicator that shows the operation
and connection status at all times.
AUTO MAINS FAILURE MODULES
AUTO START MODULES
DSE4320
DSE4420
DSE4520
DSE4620
DSE6020
DSE6120
DSE6620
DSE7120
DSE7120MKII
DSE7220
DSE7320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com