Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 127Page - Texas Instruments TMS320DM647 Datasheet HTML 128Page - Texas Instruments TMS320DM647 Datasheet HTML 129Page - Texas Instruments TMS320DM647 Datasheet HTML 130Page - Texas Instruments TMS320DM647 Datasheet HTML 131Page - Texas Instruments TMS320DM647 Datasheet HTML 132Page - Texas Instruments TMS320DM647 Datasheet HTML 133Page - Texas Instruments TMS320DM647 Datasheet HTML 134Page - Texas Instruments TMS320DM647 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 166 page
background image
www.ti.com
6.16 Peripheral Component Interconnect (PCI)
6.16.1 PCI Device-Specific Information
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
The DM647/DM648 digital media processors support connections to a PCI backplane via the integrated
PCI master/slave bus interface. The PCI port interfaces to DSP internal resources via the data switched
central resource. .
For more detailed information on the PCI port peripheral module, see the TMS320DM647/DM648
Peripheral Component Interconnect (PCI) User's Guide (literature number SPRUEL4).
The PCI peripheral on the DM64x device DSP conforms to the PCI Local Bus Specification (version 2.3).
The PCI peripheral can act both as a PCI bus master and as a target. It supports PCI bus operation of
speeds up to 66 MHz and uses a 32-bit data/address bus.
On the DM64x device, the pins of the PCI peripheral are multiplexed with the pins of the HPI, and GPIO
peripherals. PCI functionality for these pins is controlled (enabled/disabled) by the UHPIEN pin (H2). The
maximum speed of the PCI, 33 MHz or 66 MHz, is controlled through the PCI66 pin (G5). For more
detailed information on the peripheral control, see Section 3.
The DM64x device provides an initialization mechanism through which the default values for some of the
PCI configuration registers can be read from an I2C EEPROM. Table 6-53 shows the registers which can
be initialized through the PCI auto-initialization. Also shown is the default value of these registers when
PCI auto-initialization is not used. PCI auto-initialization is enabled by selecting PCI boot with
auto-initialization.For more information on this feature, see the TMS320DM647/DM648 Peripheral
Component
Interconnect
(PCI)
User's
Guide
(literature
number
SPRUEL4)
and
the
TMS320DM647/DM648 Bootloader Application Report (literature number SPRAAJ1).
Table 6-53. Default Values for PCI Configuration
Registers
DEFAULT
REGISTER
VALUE
Vendor ID/Device ID Register (PCIVENDEV)
104C B001h
Class Code/Revision ID Register (PCICLREV)
0000 0001h
Subsystem Vendor ID/Subsystem ID Register
0000 0000h
(PCISUBID)
Max Latency/Min Grant/Interrupt Pin/Interrupt Line
0000 0100h
Register (PCILGINT)
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com