Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 18Page - Texas Instruments TMS320DM647 Datasheet HTML 19Page - Texas Instruments TMS320DM647 Datasheet HTML 20Page - Texas Instruments TMS320DM647 Datasheet HTML 21Page - Texas Instruments TMS320DM647 Datasheet HTML 22Page - Texas Instruments TMS320DM647 Datasheet HTML 23Page - Texas Instruments TMS320DM647 Datasheet HTML 24Page - Texas Instruments TMS320DM647 Datasheet HTML 25Page - Texas Instruments TMS320DM647 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 2-4. TERMINAL FUNCTIONS (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
BED10
D6
I/O/Z
1.8 V
DDR2 Memory Controller External Data (continued)
BED11
A3
I/O/Z
1.8 V
BED12
B3
I/O/Z
1.8 V
BED13
A4
I/O/Z
1.8 V
BED14
B4
I/O/Z
1.8 V
BED15
C5
I/O/Z
1.8 V
BED16
B16
I/O/Z
1.8 V
BED17
C16
I/O/Z
1.8 V
BED18
D16
I/O/Z
1.8 V
BED19
E16
I/O/Z
1.8 V
BED20
B17
I/O/Z
1.8 V
BED21
C17
I/O/Z
1.8 V
BED22
D17
I/O/Z
1.8 V
BED23
E17
I/O/Z
1.8 V
BED24
C18
I/O/Z
1.8 V
BED25
D18
I/O/Z
1.8 V
BED26
B19
I/O/Z
1.8 V
BED27
C19
I/O/Z
1.8 V
BED28
B20
I/O/Z
1.8 V
BED29
D19
I/O/Z
1.8 V
BED30
C20
I/O/Z
1.8 V
BED31
E19
I/O/Z
1.8 V
BEODT0
E13
I/O/Z
1.8 V
On-die termination signals to external DDR2 SDRAM. These pins
are reserved for future use and should not be connected to the
BEODT1
A14
I/O/Z
1.8 V
DDR2 SDRAM.
Note: There are no on-die termination resistors implemented on
the DM647/DM648DSP die.
BSDCAS
D10
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM column address strobe
BSDCKE
B11
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM clock-enable
BSDDQGATE0
D7
I/O/Z
1.8 V
DDR2 Memory Controller data strobe Gate
BSDDQGATE1
B6
I/O/Z
1.8 V
BSDDQGATE2
E18
I/O/Z
1.8 V
BSDDQGATE3
A21
I/O/Z
1.8 V
BSDDQM0
B8
I/O/Z
1.8 V
DDR2 Memory Controller byte-enable controls. Decoded from the
low-order address bits. The number of address bits or byte
BSDDQM1
D5
I/O/Z
1.8 V
enables used depends on the width of external memory. Byte-write
BSDDQM2
E15
I/O/Z
1.8 V
enables for most types of memory. Can be directly connected to
SDRAM read and write mask signal (SDQM).
BSDDQM3
B21
I/O/Z
1.8 V
BSDDQS0P
A9
I/O/Z
1.8 V
DDR2 Memory Controller data strobe [3:0]
BSDDQS1P
A7
I/O/Z
1.8 V
BSDDQS2P
A17
I/O/Z
1.8 V
BSDDQS3P
A20
I/O/Z
1.8 V
BSDDQS0N
A8
I/O/Z
1.8 V
DDR2 Memory Controller data strobe [3:0] negative
BSDDQS1N
A6
I/O/Z
1.8 V
BSDDQS2N
A16
I/O/Z
1.8 V
BSDDQS3N
A19
I/O/Z
1.8 V
BSDRAS
E10
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM row address strobe
BSDWE
D11
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM write enable
Device Overview
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com