Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 143Page - Texas Instruments TMS320DM647 Datasheet HTML 144Page - Texas Instruments TMS320DM647 Datasheet HTML 145Page - Texas Instruments TMS320DM647 Datasheet HTML 146Page - Texas Instruments TMS320DM647 Datasheet HTML 147Page - Texas Instruments TMS320DM647 Datasheet HTML 148Page - Texas Instruments TMS320DM647 Datasheet HTML 149Page - Texas Instruments TMS320DM647 Datasheet HTML 150Page - Texas Instruments TMS320DM647 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 166 page
background image
www.ti.com
6.18.3 Peripheral Register Description(s)
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
terminals (SGMII0RXN: SGMII0RXP, SGMII1RXN: SGMII1RXP) into the required GMAC GMII signals.
The SGMII transmit interface converts the GMAC GMII data into the required encoded differential transmit
output terminals (SGMII0TXN: SGMII0TXP, SGMII1TXN: SGMII1TXP). The GMAC does not source the
transmit error signal. Any transmit frame from the GMAC with an error (ie., underrun) will be indicated as
an error by an error CRC.
NOTE
SGMII1 is pinned out only in the DM648 device. DM647 device has only one SGMII port
(SGMII0).
Table 6-64 through Table 6-67 list the registers.
Table 6-64. 3-port Gigabit Switch Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 3000
CPSW_Id_Ver
3pGSw ID Version Register
0x02D0 3004
CPSW_Control
3pGSw Switch Control Register
0x02D0 3008
CPSW_Soft_Reset
3pGSw Soft Reset Register
0x02D0 300C
CPSW_Stat_Port_En
3pGSw Statistics Port Enable Register
0x02D0 3010
CPSW_PTYPE
3pGSw Transmit Priority Type Register
0x02D0 3014
P0_Max_Blks
3pGSw Port 0 Maximum FIFO blocks Register
0x02D0 3018
P0_BLK_CNT
3pGSw Port 0 FIFO Block Usage Count (read only)
0x02D0 301C
P0_Flow_Thresh
3pGSw Port 0 Flow Control Threshold Register
0x02D0 3020
P0_Port_VLAN
3pGSw Port 0 VLAN Register
0x02D0 3024
P0_Tx_Pri_Map
3pGSw Port 0 Tx Header Pri to Switch Pri Mapping Register
0x02D0 3028
GMAC0_Gap_Thresh
3pGSw GMAC0 Short Gap Threshold Register
0x02D0 302C
GMAC0_SA_LO
3pGSw GMAC0 Source Address Low Register
0x02D0 3030
GMAC0_SA_HI
3pGSw GMAC0 Source Address High Register
0x02D0 3034
P1_Max_Blks
3pGSw Port 1 Maximum FIFO blocks Register
0x02D0 3038
P1_BLK_CNT
3pGSw Port 1 FIFO Block Usage Count (read only)
0x02D0 303C
P1_Flow_Thresh
3pGSw Port 1 Flow Control Threshold Register
0x02D0 3040
P1_Port_VLAN
3pGSw Port 1 VLAN Register
0x02D0 3044
P1_Tx_Pri_Map
3pGSw Port 1 Tx Header Priority to Switch Pri Mapping Register
0x02D0 3048
GMAC1_Gap_Thresh
3pGSw GMAC1 Short Gap Threshold Register
0x02D0 304C
GMAC1_SA_LO
3pGSw GMAC1 Source Address Low Register
0x02D0 3050
GMAC1_SA_HI
3pGSw GMAC1 Source Address High Register
0x02D0 3054
P2_Max_Blks
3pGSw Port 2 Maximum FIFO blocks Register
0x02D0 3058
P2_BLK_CNT
3pGSw Port 2 FIFO Block Usage Count (read only)
0x02D0 305C
P2_Flow_Thresh
3pGSw Port 2 Flow Control Threshold Register
0x02D0 3060
P2_Port_VLAN
3pGSw Port 2 VLAN Register
0x02D0 3064
P2_Tx_Pri_Map
3pGSw Port 2 Tx (CPDMA RX) Header Priority to Switch Pri Mapping
Register
0x02D0 3068
CPDMA_Tx_Pri_Map
3pGSw CPDMA TX (Port 2 Rx) Pkt Priority to Header Priority Mapping
Register
0x02D0 306C
CPDMA_Rx_Ch_Map
3pGSw CPDMA RX (Port 2 Tx) Switch Priority to DMA channel
Mapping Register
0x02D0 3070 - 0x02D0 307C
Reserved
Reserved
0x02D0 3080
GMAC0_IDVER
GMAC0 ID/Version Register
0x02D0 3084
GMAC0_MacControl
GMAC0 Mac Control Register
0x02D0 3088
GMAC0_MacStatus
GMAC0 Mac Status Register
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com