Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 153 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 149Page - Texas Instruments TMS320DM647 Datasheet HTML 150Page - Texas Instruments TMS320DM647 Datasheet HTML 151Page - Texas Instruments TMS320DM647 Datasheet HTML 152Page - Texas Instruments TMS320DM647 Datasheet HTML 153Page - Texas Instruments TMS320DM647 Datasheet HTML 154Page - Texas Instruments TMS320DM647 Datasheet HTML 155Page - Texas Instruments TMS320DM647 Datasheet HTML 156Page - Texas Instruments TMS320DM647 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
www.ti.com
6.19 Management Data Input/Output (MDIO)
6.19.1 MII Management Interface
6.19.2 MDIO Register Descriptions
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
REFCLKP/N Jitter and PLL Loop Bandwidth
Jitter on the reference clock will degrade both the transmit eye and receiver jitter tolerance thereby
impairing system performance. A good quality, low jitter reference clock is necessary to achieve
compliance with most if not all physical layer standards (see Table 6-69).
Table 6-69. REFCLKP/N Jitter Requirements for Standards Compliance
Standard
Line Rate (Gbps)
Total REFCLKP/N Jitter (within PLL bandwidth)
Gigabit Ethernet
1.25
50 ps pk-pk
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses to
enumerate all PHY devices in the system. It contains two user access registers to control and monitor up
to two PHYs simultaneously.
The MDIO module implements the 802.3 serial management interface to interrogate and control two
Ethernet PHYs simultaneously using a shared two-wire bus. Figure 6-xx shows a device with two MACs,
each connected to a PHY, being managed by the MII interface module using a shared bus.
Host software uses the MDIO module to configure the auto-negotiation parameters of each PHY attached
to the EMAC, retrieve the negotiation results, and configure required parameters in the EMAC module for
correct operation. The module is designed to allow almost transparent operation of the MDIO interface,
with very little maintenance from the core processor. Only a maximum of two PHYs may be connected at
any given time.
For more detailed information on the MDIO peripheral, see the DM64xxx DMSoC Ethernet Media Access
Controller/Mgmt.Data Input/Output (EMAC/MDIO) Reference Guide (literature number SPRU851). For a
list of supported registers and register fields, see Table 6-70.
Table 6-70. MDIO Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 4000
MDIOVer
Module version register
0x02D0 4004
MDIOControl
Module control register
0x02D0 4008
MDIOAlive
PHY acknowledge status register
0x02D0 400C
MDIOLink
PHY link status register
0x02D0 4010
MDIOLinkIntRaw
Link status change interrupt register (raw
value)
0x02D0 4014
MDIOLinkIntMasked
Link status change interrupt register (masked
value)
0x02D0 4018 - 0x02D0 401C
Reserved
0x02D0 4020
MDIOUserIntRaw
User command complete interrupt register
(raw value)
0x02D0 4024
MDIOUserIntMasked
User command complete interrupt register
(masked value)
0x02D0 4028
MDIOUserIntMaskSet
User interrupt mask set register
0x02D0 402C
MDIOUserIntMaskClr
User interrupt mask clear register
0x02D0 4030 - 0x02D0 407C
Reserved
0x02D0 4080
MDIOUserAccess0
User access register0
0x02D0 4084
MDIOUserPhySel0
User PHY select register0
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com