Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT900 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320DM647ZUT900
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM647ZUT900 Datasheet HTML 17Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 18Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 19Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 20Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 21Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 22Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 23Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 24Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 2-4. TERMINAL FUNCTIONS (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
PIRDY/HRDY
AB17
I/O/Z
IPD
3.3 V
PCI initiator ready [default] or host ready from DSP to host (O/Z)
PGNT/GP00
U13
I/O/Z
IPD
3.3 V
PCI bus grant (I) or GPIO[0]
PRST/GP01
U12
I/O/Z
IPD
3.3 V
PCI Reset (I) or GPIO[1]
PINTA/GP02
V12
I/O/Z
IPD
3.3 V
PCI Interrupt A (O/Z) or GPIO[2]
PREQ/GP03
AA12
I/O/Z
IPD
3.3 V
PCI bus request (O/Z) or GPIO[3]
PTRDY/GP05
AA17
I/O/Z
IPD
3.3 V
PCI target ready or GPIO[5]
PIDSEL/GP06
AA14
I/O/Z
IPD
3.3 V
PCI Initialization device select (I) or GPIO[6]
DDR2 MEMORY CONTROLLER
BBA0
C12
I/O/Z
1.8 V
DDR2 Memory Controller Bank Address Control
BBA1
B12
I/O/Z
1.8 V
BBA2
E11
I/O/Z
1.8 V
BCE
F9
I/O/Z
1.8 V
DDR2 Memory Controller Memory Space Enable
BEA00
D15
I/O/Z
1.8 V
DDR2 Memory Controller External Address
BEA01
C15
I/O/Z
1.8 V
BEA02
F13
I/O/Z
1.8 V
BEA03
E14
I/O/Z
1.8 V
BEA04
D14
I/O/Z
1.8 V
BEA05
C14
I/O/Z
1.8 V
BEA06
F11
I/O/Z
1.8 V
BEA07
B14
I/O/Z
1.8 V
BEA08
F12
I/O/Z
1.8 V
BEA09
D13
I/O/Z
1.8 V
BEA10
A13
I/O/Z
1.8 V
BEA11
B13
I/O/Z
1.8 V
BEA12
E12
I/O/Z
1.8 V
BEA13
F10
I/O/Z
1.8 V
BECLKOUTN
A12
I/O/Z
1.8 V
DDR2 Memory Controller Output Clock (CLKIN2 frequency x 10)
BECLKOUTP
A11
I/O/Z
1.8 V
Negative DDR2 Memory Controller Output Clock (CLKIN2
frequency x 10)
BED00
E9
I/O/Z
1.8 V
DDR2 Memory Controller External Data
BED01
C9
I/O/Z
1.8 V
BED02
B9
I/O/Z
1.8 V
BED03
C8
I/O/Z
1.8 V
BED04
E8
I/O/Z
1.8 V
BED05
D8
I/O/Z
1.8 V
BED06
C7
I/O/Z
1.8 V
BED07
E7
I/O/Z
1.8 V
BED08
C6
I/O/Z
1.8 V
BED09
B7
I/O/Z
1.8 V
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com