Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR240
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR240 Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR240 Datasheet HTML 1Page - NXP Semiconductors PBYR240 Datasheet HTML 2Page - NXP Semiconductors PBYR240 Datasheet HTML 3Page - NXP Semiconductors PBYR240 Datasheet HTML 4Page - NXP Semiconductors PBYR240 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR245CT series
Schottky barrier
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 1 A; Tj = 125˚C
-
0.41
0.45
V
I
F = 2 A
-
0.58
0.7
V
I
R
Reverse current
V
R = VRWM
-
0.03
0.2
mA
V
R = VRWM; Tj = 100˚C
-
1.5
10
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
60
-
pF
PRINTED CIRCUIT BOARD
Dimensions in mm.
Fig.1. PCB for thermal resistance and power rating for SOT223.
PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35
µm thick).
36
60
9
10
4.6
18
4.5
7
15
50
July 1998
2
Rev 1.400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com