Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR2540CT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR2540CT
Description  Rectifier diodes Schottky barrier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR2540CT Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR2540CT Datasheet HTML 1Page - NXP Semiconductors PBYR2540CT Datasheet HTML 2Page - NXP Semiconductors PBYR2540CT Datasheet HTML 3Page - NXP Semiconductors PBYR2540CT Datasheet HTML 4Page - NXP Semiconductors PBYR2540CT Datasheet HTML 5Page - NXP Semiconductors PBYR2540CT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR2545CT, PBYR2545CTB series
Schottky barrier
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
per diode
-
-
1.5
K/W
to mounting base
both diodes
-
-
1
K/W
R
th j-a
Thermal resistance junction
SOT78 package in free air
-
60
-
K/W
to ambient
SOT404 package, pcb mounted, minimum
-
50
-
K/W
footprint, FR4 board
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage per diode
I
F = 20 A; Tj = 125˚C
-
0.58
0.62
V
I
F = 30 A; Tj = 125˚C
-
0.72
0.76
V
I
F = 30 A
-
0.72
0.82
V
I
R
Reverse current per diode
V
R = VRWM
-
0.3
2
mA
V
R = VRWM; Tj = 100˚C
-
30
40
mA
C
d
Junction capacitance per
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
530
-
pF
diode
October 1998
2
Rev 1.400



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com