Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS915 Datasheet(PDF) 2 Page - QuWireless

Part # AS915
Description  Directional 915MHz LoRa outdoor antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

AS915 Datasheet(HTML) 2 Page - QuWireless

  AS915 Datasheet HTML 1Page - QuWireless AS915 Datasheet HTML 2Page - QuWireless AS915 Datasheet HTML 3Page - QuWireless AS915 Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ANTENNA SPECIFICATION
FREQUENCY
915 MHz (US915, AU915, AS923, KR920)
GAIN
8.5 dBi
VSWR
<1.80, max <2.00
BEAMWIDTH
75°/75° ±10°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
FRONT TO BACK
>17 dB
MECHANICAL SPECIFICATION
MATERIALS
ABS, aluminum, PTFE, Fiberglass
CONNECTOR TYPE
Nf
INGRESS PROTECTION
IP67
DIMENSIONS
270x270x77 mm
10.62x10.62x3.03 inch
WEIGHT
1.5 kg
3.31 lbs
OPERATING TEMPERATURE
From -40°C to 75°C
From -40°F to 167°F
DATASHEET / QuPanel LoRa 915MHz
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com