Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P248E Datasheet(PDF) 1 Page - QuWireless

Part # P248E
Description  Passive PoE Power Supply EU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

P248E Datasheet(HTML) 1 Page - QuWireless

  P248E Datasheet HTML 1Page - QuWireless P248E Datasheet HTML 2Page - QuWireless P248E Datasheet HTML 3Page - QuWireless P248E Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QuPSU P248E
Passive PoE Power Supply EU
Passive PoE power supply 24V, 0.8A, 19.2W, 10/100 Mbps dedicated to all QuSpot, QuMax and QuMini antennas with
installed all Teltonika routers inside (RUT200, RUT240, RUT241, RUT260, RUT901, RUT906, RUT950, RUT951, RUT956).
This power supply is also compatible with all other devices that support Passive PoE at 24V. Version with EU
power cord.
- Passive PoE Power Supply EU
- Output: 24V, 0.8A
- Input: AC100-240V 50/60Hz
- EU power cord
- Wall mount holder included
- CE, ATE, HIPOT
- Caution: Indoor use only
DATASHEET / QuPSU P248E
VERSION / 2.07


Similar Part No. - P248E

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2480 ETAL-P2480 Datasheet
96Kb / 3P
DC-DC Converter Transformer
logo
QuWireless
P248U QUWIRELESS-P248U Datasheet
1,011Kb / 4P
Passive PoE Power Supply EU
More results

Similar Description - P248E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6003.0215 SCHURTER-6003.0215 Datasheet
272Kb / 3P
EU Power Supply Cord with IEC Connector C13, straight
6052.0042 SCHURTER-6052.0042 Datasheet
153Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
6004.0114 SCHURTER-6004.0114 Datasheet
284Kb / 3P
EU Power Supply Cord with IEC Connector C13, straight
6051.2093 SCHURTER-6051.2093 Datasheet
304Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2094 SCHURTER-6051.2094 Datasheet
304Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2153 SCHURTER-6051.2153 Datasheet
305Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2154 SCHURTER-6051.2154 Datasheet
304Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
logo
PHOENIX CONTACT
5087439 PHOENIX-5087439 Datasheet
203Kb / 5P
Passive current transducer without power supply
logo
Schurter Inc.
6052.0042 SCHURTER-6052.0042_V01 Datasheet
276Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
6051.2153 SCHURTER-6051.2153_V01 Datasheet
429Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
16.09.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com