Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7230 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7230 Datasheet HTML 5Page - Texas Instruments UCD7230 Datasheet HTML 6Page - Texas Instruments UCD7230 Datasheet HTML 7Page - Texas Instruments UCD7230 Datasheet HTML 8Page - Texas Instruments UCD7230 Datasheet HTML 9Page - Texas Instruments UCD7230 Datasheet HTML 10Page - Texas Instruments UCD7230 Datasheet HTML 11Page - Texas Instruments UCD7230 Datasheet HTML 12Page - Texas Instruments UCD7230 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
DEVICE INFORMATION
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
TERMINAL FUNCTIONS
TERMINAL
UCD7230
I/O
DESCRIPTION
NAME
HTSSOP-
QFN-20
20
Supply input pin to power the internal circuitry except the driver outputs. The
VDD
1
18
-
UCD7230 accepts an input range of 4.5 V to 15.5 V.
Synchronous Rectifier Enable. The SRE pin is a high impedance digital input
capable of accepting 3.3-V logic level signals, used to disable the synchronous
SRE
2
19
I
rectifier switch. The synchronous rectifier is disabled when this signal is low. A
Schmitt trigger input comparator desensitizes this pin from external noise.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic
IN
3
20
I
level signals up to 2 MHz. A Schmitt trigger input comparator desensitizes this
pin from external noise.
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of
3V3
4
1
O
sourcing up to 10 mA of current. Bypass with 0.22-
µF ceramic capacitance
from this pin to analog ground, AGND.
AGND
5
2
-
Analog ground return.
Requires a resistor to AGND for setting the current sense blanking time for
both the high-side and low-side current sense comparators. The value of this
DLY
6
3
I
resistor in conjunction with the resistor in series with the CS+ pin sets the high
side current sense threshold.
Output current limit threshold set pin. The output current threshold is 1/10th of
the value set on this pin. If left floating the voltage on this pin is 0.55 V. The
ILIM
7
4
I
voltage on the ILIM pin can range from 0.25 V to 1V to set the threshold from
25 mV to 100 mV.
Current Limit Flag. The CLF signal is a 3.3-V digital output which is latched
CLF
8
5
O
high after an over current event, triggered by either of the two current sense
comparators and reset after two rising edges received on the IN pin.
Sets the current sense linear amplifier “Zero” output level. The default value is
IO
9
6
I
0.6 V which allows negative current measurement.
Current sense linear amplifier output. The output voltage level on this pin
AO
10
7
O
represents the average output current. Any value below the level on the I0 pin
represents negative output current.
Non-inverting input of the output current sense amplifier and current limit
POS
11
8
I
comparator.
Inverting input of the output current sense amplifier and current limit
NEG
12
9
I
comparator.
Power ground return. This pin should be connected close to the source of the
PGND
13
10
-
low-side synchronous rectifier MOSFET.
The low-side high-current TrueDrive™ driver output. Drives the gate of the
OUT2
14
11
I
low-side synchronous MOSFET between PVDD and PGND.
Supply pin provides power for the output drivers. It is not connected internally
PVDD
15
12
-
to the VDD supply rail. The bypass capacitor for this pin should be returned to
PGND.
Floating OUT1 driver supply powered by an external Schottky diode from the
BST
16
13
I
PVDD pin during the synchronous MOSFET on time.
The high-side high-current TrueDrive™ driver output. Drives the gate of the
OUT1
17
14
I
high-side buck MOSFET between SW and BST.
SW
18
15
I/O
OUT1 gate drive return and square wave input to output inductor.
CSBIAS
19
16
I
Supply pin for the high-side current sense comparator.
Non-inverting Input for the high side current sense comparator. A resistor
CS+
20
17
I
connected between this pin and the high side MOSFET drain, in conjunction
with the DLY resistor sets the high-side current limit threshold.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com