Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7230PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD7230PWPR
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7230PWPR Datasheet HTML 3Page - Texas Instruments UCD7230PWPR Datasheet HTML 4Page - Texas Instruments UCD7230PWPR Datasheet HTML 5Page - Texas Instruments UCD7230PWPR Datasheet HTML 6Page - Texas Instruments UCD7230PWPR Datasheet HTML 7Page - Texas Instruments UCD7230PWPR Datasheet HTML 8Page - Texas Instruments UCD7230PWPR Datasheet HTML 9Page - Texas Instruments UCD7230PWPR Datasheet HTML 10Page - Texas Instruments UCD7230PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
V
DD = PVDD = 12 V, 4.7-µF from VDD to AGND, 1 µF from PVDD to PGND, 0.1 µF from CSBIAS to AGND, 0.22 µF from BST to
SW, T
A = TJ = -40°C to +125°C, RCS+ = 5 kΩ, RDLY = 50 kΩ over operating free-air temperature range (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE COMPARATOR (INPUT SENSE)
RDLY = 24.3 kΩ (CSBIAS-CS+)
170
235
300
CS threshold
mV
RDLY = 49.9 kΩ (CSBIAS-CS+)
90
114
140
RDLY = 24.3 kΩ , IN rising to OUT1,
120
IN falling to OUT2, VDD = 6 V
CS blanking time(2)
ns
RDLY = 49.9 kΩ , IN rising to OUT1,
230
IN falling to OUT2, VDD = 6 V
RDELAY range(2)
24.3
50.0
100.0
k
Ω
Propagation delay from CS+ to
80
OUT1(2)
CS = threshold + 60mV
ns
Propagation delay from CS+ to
70
CLF(2)
CURRENT SENSE AMP
I0 = OPEN; POS = NEG = 1.25 V;
VOO
Output offset voltage
-100
0
100
mV
measure AO - IO
I0 = FLOAT; VPOS = 1.26 V; VNEG =
Closed loop dc gain
46
48
50
V/V
1.25 V, RPOS = RNEG = 0
POS = 1.25 V, NEG = 1.29 V,R =
Input impedance
5.5
8.3
12
k
Ω
(POS - NEG) / (IPOS - INEG)
VCM(max) is limited to (VDD-1.2V),
VCM
Input Common Mode Voltage Range
0
5.6
V
RPOS = 0
VPOS = 1.2 V; VNEG = 1.3 V;
A0_Vol
Minimum Output Voltage
0.15
0.3
A0_ISINK = 250 µA
V
VPOS =1.3 V; VNEG = 1.2 V; A0_
A0_Voh
Maximum Output Voltage
3
3.1
3.5
ISOURCE = 500 µA
I0 = FLOAT; VPOS = VNEG = 0.8 V to
Input Bias Current, POS or NEG
-2
30
µA
5.0 V, RPOS = RNEG = 0
ZERO CURRENT REFERENCE (IO)
Reference voltage
Measured at I0
0.54
0.6
0.66
V
Input transition voltage
With respect to IO reference
10
60
120
mV
IO
Output impedance
IZERO = 0.6 V
10
15
21
k
Ω
(2)
As designed and characterized. Not 100% tested in production.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com