Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR3045WT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR3045WT
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR3045WT Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR3045WT Datasheet HTML 1Page - NXP Semiconductors PBYR3045WT Datasheet HTML 2Page - NXP Semiconductors PBYR3045WT Datasheet HTML 3Page - NXP Semiconductors PBYR3045WT Datasheet HTML 4Page - NXP Semiconductors PBYR3045WT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR3045WT series
Schottky barrier
Fig.1. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.2. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.3. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.4. Typical reverse leakage current per diode;
I
R = f(VR); parameter Tj
Fig.5. Typical junction capacitance per diode;
C
d = f(VR); f = 1 MHz; Tj = 25˚C to 125 ˚C.
Fig.6. Transient thermal impedance per diode;
Z
th j-mb = f(tp).
0
5
10
15
20
25
0
5
10
15
D = 1.0
0.5
0.2
0.1
PBYR3045WT
Rs = 0.012 Ohms
Vo = 0.36 V
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Ths(max) (C)
150
T
I
D =
tp
tp
T
t
142
134
126
0
25
50
100
10
1
0.1
0.01
Reverse current, IR (mA)
Reverse voltage, VR (V)
PBYR3045WT
50 C
75 C
100 C
125 C
Tj = 25 C
0
5
10
15
0
2
4
6
8
10
12
a = 1.57
1.9
2.2
2.8
4
PBYR3045WT
Rs = 0.012 Ohms
Vo = 0.36 V
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) (C)
150
146.8
143.6
140.4
137.2
134
130.8
1
10
100
100
10000
1000
Cd / pF
VR / V
PBYR3045CT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
PBYR3045WT
Forward voltage, VF (V)
Forward current, IF (A)
Tj = 25 C
Tj = 125 C
max
typ
0.01
0.1
1
10
PBYR3045WT
1us
10us
100us
1ms
10ms
100ms
1s
10s
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
July 1998
3
Rev 1.200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com