Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFWKRP Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # DFWKRP
Description  Type DFWKRP Weigh Pad Indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

DFWKRP Datasheet(HTML) 2 Page - Zemic Europe B.V.

  DFWKRP Datasheet HTML 1Page - Zemic Europe B.V. DFWKRP Datasheet HTML 2Page - Zemic Europe B.V. DFWKRP Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type DFWKRP Weigh Pad Indicator
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2021.08 DFWKRP Rev2
info@zemic.nl
Page 2/3
www.zemiceurope.com
Technical Specifications DFWKRP
Approved Resolution
10000 divisions at 0.3 µV/e
Display
Digits
6
Display Resolution
Divisions
100000
Minimum Input Voltage
μV/e
0.3
Maximum Input Signal
mV/V
6
Calibration Method
Configurable from the keyboard
A/D Type
24 bit 4- channel Delta-sigma (3x106 internal counts)
A/D Conversion Speed
Conv./sec.
200
Excitation for Load Cells
VDC
5 ± 5%
Signal Range
mV/V
1 – 6
Tare
Subtractive (-Max)
Zero
Adjustable (of Max)
Divisions
1, 2, 5, 10, 20, 50, 100, 200
Power Supply for Operating Interface
VDC
12 (wired) 6 (Battery)
Operating Temperature
°C
-10 ~ +40
Storage Temperature
°C
-20 ~ +65
Dimensions
mm
325 x 460 x 170
Weight
Kg
± 5
Ingress Protection (acc. to EN 60529)
IP67
Technical Specifications Printing Console
Number of Weigh Pads Supported
Up to 4
Ticket Printer
Yes
Real Time Clock/Calendar
Yes
Serial Communication
RS232
Power Supply
6V 4.5Ah Sealed Lead rechargeable battery
Charge Supply via Charge Adaptor
VDC / VAC
12 / 230
Charge Time
Hours
12
Operating Time
Hours
< 40 (with 1 load cell)
Battery Life-span
Years
3
Operating Temperature
°C
-10 ~ +40
Storage Temperature
°C
-20 ~ +65
Pin configuration: 8-pin Female M12 Connector
1.
Signal +
2.
Sense - (optional)
3.
Sense + (optional)
4.
N.C.
5.
Shield
6.
Excitation -
7.
Excitation +
8.
Signal -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com