Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2F Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # H2F
Description  Type H2F Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

H2F Datasheet(HTML) 2 Page - Zemic Europe B.V.

  H2F Datasheet HTML 1Page - Zemic Europe B.V. H2F Datasheet HTML 2Page - Zemic Europe B.V. H2F Datasheet HTML 3Page - Zemic Europe B.V. H2F Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type H2F Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2021.06 H2F Rev7
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications H2F
Accuracy Class
C1
C2
C3
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.01
Maximum Capacity ( Emax )
t
1, 2, 3, 5, 10, 15,
20, 30, 50
1, 2, 3, 5, 10
1, 2, 3
Max. Number of Load Cell Intervals
nLC
1000
2000
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
3000
5000
7500
Combined Error
%FS
≤± 0.050
≤± 0.030
≤± 0.020
Creep Error (30 minutes)
%FS
≤± 0.038
≤± 0.023
≤± 0.016
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.047
≤± 0.029
≤± 0.011
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.028
≤± 0.017
≤± 0.019
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
770 ± 30
Output Resistance
Ω
700 ± 7
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Storage Temperature
°C
-40 ~ + 70
Load Cell Weight
kg
1t - 5t:
~2.2
10t:
6.2
15t:
7.5
20t:
11.2
30t:
16.5
50t:
21.5
Element Material
Alloy Steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M8: 25
M10: 50
M12: 75
Wiring
Features:
Cable type:
Shielded, 6 conductor cable , conductor AWG 24
Cable diameter: Ø 5.0mm
Cable length:
1t – 3t: 3m, 5t – 10t: 4m, 15t – 50t: 5m
Cable jacket:
PVC
Shield not connected to element
6-Wire Connection Diagram
Input(+)
Sense (+)
Output(-)
Sense (-)
Input (-)
Output(+)
Red
Brown
White
Black
Yellow
Blue



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com