Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H9C Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # H9C
Description  Type H9C Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

H9C Datasheet(HTML) 2 Page - Zemic Europe B.V.

  H9C Datasheet HTML 1Page - Zemic Europe B.V. H9C Datasheet HTML 2Page - Zemic Europe B.V. H9C Datasheet HTML 3Page - Zemic Europe B.V. H9C Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type H9C Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.07 H9C Rev15
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications H9C
Accuracy Class
OIML R60 C3
OIML R60 C4
Output Sensitivity ( = FS )
mV/V
3.0 ± 0.008
Maximum Capacity ( Emax )
Klb
5, 10, 20, 30, 40, 50, 60,
75, 100, 150, 200, 250
5, 10, 20
Max. Number of Load Cell Intervals
nLC
3000
4000
Ratio of min. LC Verification Interval
Y = Emax / vmin
10000
14000
Combined Error
%FS
≤± 0.020
≤± 0.0175
Creep Error (30 minutes)
%FS
≤± 0.016
≤± 0.012
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.015
≤± 0.010
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
≤± 0.009
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
700 ± 7
Output Resistance
Ω
703 ± 4
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Storage Temperature
°C
-40 ~ + 70
Load Cell Weight
kg
5-20Klb:
~2.2
30-70Klb:
~8.4
100Klb:
12.2
150Klb:
15.1
200-250Klb:
44.6
Element Material
Nickel plated alloy steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M16: 240
M24: 820
M36: 2850*
ATEX Classification (optional)
II 1G Ex ia IIC T4 Ga
II 1D Ex ia IIIC T 200 135°C Da II 3G Ex ic IIC T4 Gc
* = Recommended bolt strength: Grade 10.9
Wiring
Features:
Cable type:
Shielded, 4 conductor cable , conductor AWG 21
Cable diameter: Ø 5mm for 5Klb – 20Klb, Ø 8mm for 30Klb – 250Klb
Cable length:
9m
Cable jacket:
Polyurethane
Shield not connected to element
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com