Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3237 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6G3237
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3237 Datasheet HTML 1Page - STMicroelectronics ST6G3237 Datasheet HTML 2Page - STMicroelectronics ST6G3237 Datasheet HTML 3Page - STMicroelectronics ST6G3237 Datasheet HTML 4Page - STMicroelectronics ST6G3237 Datasheet HTML 5Page - STMicroelectronics ST6G3237 Datasheet HTML 6Page - STMicroelectronics ST6G3237 Datasheet HTML 7Page - STMicroelectronics ST6G3237 Datasheet HTML 8Page - STMicroelectronics ST6G3237 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST6G3237
Pin settings
5/17
2.2
Pin descriptions
CMD, Command is a bidirectional line. The host and card drivers are operating in
push-pull.
DAT0-3, Data lines are bi-directional lines. Host and card drivers are operating in
push-pull mode.
CLK, Clock is a host to card signal. CLK operates in push-pull mode.
Feedback (return) Clock is feedback clock signal from level shifter to host for
controlling delays.
Table 2.
Pin descriptions
Pin Nº
µTFBGA25
Pin Nº
TSSOP20
Type
Side
Symbol
Name and function
A2
12
I
A-side
CMD-dir
Command direction
HIGH = A to B
LOW = B to A
D2
9
I/O
A-side
CMD.h
A-side Command
D4
13
I/O
B-Side
CMD
B-side Command
A3
11
I
A-Side
DAT0-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
D1
8
I/O
A-Side
DAT0.h
Data Input / Output
D5
14
I/O
B-Side
DAT0
Data Input / Output
E3
10
I
A-Side
DAT123-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
E1
2
I/O
A-Side
DAT1.h
Data Input / Output
A1
3
I/O
A-Side
DAT2.h
Data Input / Output
B1
4
I/O
A-Side
DAT3.h
Data Input / Output
E5
19
I/O
B-Side
DAT1
Data Input / Output
A5
18
I/O
B-Side
DAT2
Data Input / Output
B5
17
I/O
B-Side
DAT3
Data Input / Output
C1
5
I
A-Side
CLK.h
Clock Input
C5
16
O
B-Side
CLK
Clock Output
E2
6
O
A-Side
CLK-f
Clock Feedback
B3
7
-
A-Side
VCCA
Power supply
B4
15
-
B-Side
VCCB
Power supply
C3, C4
1, 20
-
-
GND
Ground (0V)
A4, B2, C2,
D3, E4
-
-
-
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com