Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-2541 Datasheet(PDF) 1 Page - CUI Devices

Part # SP-2541
Description  AUDIO PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SP-2541 Datasheet(HTML) 1 Page - CUI Devices

  SP-2541 Datasheet HTML 1Page - CUI Devices SP-2541 Datasheet HTML 2Page - CUI Devices SP-2541 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/11/2019
page 1 of 3
MODEL: SP-2541
│ DESCRIPTION: AUDIO PLUG
cuidevices.com
FEATURES
• 4 conductor
• designed for overmolding
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance
between plug and jack
100
mΩ
insulation resistance
at 100 Vdc
50
MΩ
voltage withstand
for 1 minute
200
Vac
insertion force
when mating with a standard jack
0.4
4
kgf
withdrawal force
when mating with a standard jack
0.4
4
kgf
operating temperature
-25
70
°C
operating humidity
85
%
life
5,000
cycles
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 1 second
380
400
420
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - SP-2541

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-2541 CUI-SP-2541 Datasheet
278Kb / 3P
AUDIO PLUG
SP-2541-WT CUI-SP-2541-WT Datasheet
268Kb / 3P
AUDIO PLUG
logo
CUI Devices
SP-2541-WT CUID-SP-2541-WT Datasheet
281Kb / 3P
AUDIO PLUG
10/11/2019
More results

Similar Description - SP-2541

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-2541 CUI-SP-2541 Datasheet
278Kb / 3P
AUDIO PLUG
SP-2541-WT CUI-SP-2541-WT Datasheet
268Kb / 3P
AUDIO PLUG
SP-2544 CUI-SP-2544 Datasheet
284Kb / 3P
AUDIO PLUG
SP-2544A CUI-SP-2544A Datasheet
266Kb / 3P
AUDIO PLUG
SP-3544-WT CUI-SP-3544-WT Datasheet
278Kb / 3P
AUDIO PLUG
SP-3561G CUI-SP-3561G Datasheet
459Kb / 3P
AUDIO PLUG
MP-2511 CUI-MP-2511 Datasheet
271Kb / 3P
AUDIO PLUG
MP-2522-01 CUI-MP-2522-01 Datasheet
267Kb / 3P
AUDIO PLUG
MP-3502 CUI-MP-3502 Datasheet
270Kb / 3P
AUDIO PLUG
logo
List of Unclassifed Man...
AP-176 ETC1-AP-176 Datasheet
171Kb / 1P
AUDIO PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com