Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19_CTBPATCHINGBOX Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 19_CTBPATCHINGBOX
Description  19" CTB Patching Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

19_CTBPATCHINGBOX Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  19_CTBPATCHINGBOX Datasheet HTML 1Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
DATA SHEET
Boxes
19" CTB Patching Box
19" CTB Patching Box
Properties
• Pullout tray for easy
access
• Space saving 19" rack
installation
General data
Weight
3 kg
Dimensions (LxWxH)
209mm x 482mm x 43.5mm
Rack height unit
1 U
Input port options
3x MASTERLINE Classic 12 or 24 fiber (small divider)
1x MASTERLINE Classic 36 fiber (medium divider)
Output port options
6, 12, 18 or 24 LC Duplex adapter
Housing material
Powder coated steel
Housing colour
Grey
Ordering Information Table
Item number
Item description
Type
85028405
CB1-B88-06ML-09-00-00-00-00SKK
12 Fiber, singlemode
85028406
CB1-B88-12ML-09-00-00-00-00SKK
24 Fiber, singlemode
85028407
CB1-B88-18ML-09-00-00-00-00SKK
36 Fiber, singlemode
85028408
CB1-B88-24ML-09-00-00-00-00SKK
48 Fiber, singlemode
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P18484 / Date of publication: 31.10.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 19_CTBPATCHINGBOX

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
19_CTBSPLICINGBOX HUBERSUHNER-19_CTBSPLICINGBOX Datasheet
6Mb / 1P
19" CTB Splicing Box
More results

Similar Description - 19_CTBPATCHINGBOX

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021444-00006XXLF FCI-CONNECTOR-20021444-00006XXLF Datasheet
69Kb / 1P
1.27X1.27MM CTB,IDC RECEPTACLE
logo
PHOENIX CONTACT
1418817 PHOENIX-1418817 Datasheet
232Kb / 5P
Splice box - FOC-SB-FRAME-19-LC:12-OM4 BK
02/04/2022
logo
WAGO Kontakttechnik Gmb...
727-229-023-000 WAGO-727-229-023-000 Datasheet
646Kb / 13P
4-level terminal block for matrix patching; with locking clips
29.12.2021
727-230-023-000 WAGO-727-230-023-000 Datasheet
643Kb / 13P
4-level terminal block for matrix patching; without locking clips
29.12.2021
727-231-023-000 WAGO-727-231-023-000 Datasheet
646Kb / 13P
4-level terminal block for matrix patching; with locking clips
29.12.2021
727-232-021-000 WAGO-727-232-021-000 Datasheet
643Kb / 13P
4-level terminal block for matrix patching; without locking clips
29.12.2021
727-233-023-000 WAGO-727-233-023-000 Datasheet
608Kb / 13P
4-level terminal block for matrix patching; with locking clips
29.12.2021
727-233-024-000 WAGO-727-233-024-000 Datasheet
611Kb / 14P
4-level terminal block for matrix patching; with locking clips
29.12.2021
727-234-021-000 WAGO-727-234-021-000 Datasheet
612Kb / 14P
4-level terminal block for matrix patching; without locking clips
29.12.2021
727-234-024-000 WAGO-727-234-024-000 Datasheet
608Kb / 13P
4-level terminal block for matrix patching; without locking clips
29.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com