Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8C Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # L8C
Description  Type L8C Rope Clamp Load Cell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

L8C Datasheet(HTML) 2 Page - Zemic Europe B.V.

  L8C Datasheet HTML 1Page - Zemic Europe B.V. L8C Datasheet HTML 2Page - Zemic Europe B.V. L8C Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type L8C Rope Clamp Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.07 L8C Rev4
info@zemic.nl
Page 2/3
www.zemiceurope.com
Technical Specifications L8C-D0.2-4t-1.2B
Maximum Capacity ( Emax )
kg
4000
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.2
Accuracy Class
D0.2
Max. Number of Load Cell Intervals
nLC
200
Ratio of min. LC Verification Interval
Y = Emax / vmin
280
Combined Error
%FS
≤± 0.5
Creep Error (5 minutes)
%FS
≤± 0.5
Hysteresis
%FS
≤± 0.5
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.5
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.6
Zero Balance
%FS
≤± 0.1
Safe Overload
%FS
120
Ultimate Overload
%FS
150
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
350 ± 5
Output Resistance
Ω
350 ± 5
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-10 ~ + 50
Storage Temperature
°C
-35 ~ + 70
Load Cell Weight
kg
~0.41
Element Material
Aluminium
Ingress Protection (acc. to EN 60529)
IP65
Wiring
Features:
Cable type:
Shielded, 4 conductor cable, conductor AWG: 26
Cable diameter: Ø 3.8mm
Cable length:
1.2m ± 0.05m
Cable jacket:
PVC
Shield not connected to element
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com