Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR6040WT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR6040WT
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR6040WT Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR6040WT Datasheet HTML 1Page - NXP Semiconductors PBYR6040WT Datasheet HTML 2Page - NXP Semiconductors PBYR6040WT Datasheet HTML 3Page - NXP Semiconductors PBYR6040WT Datasheet HTML 4Page - NXP Semiconductors PBYR6040WT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR6045WT series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 40 V/ 45 V
• Reverse surge capability
• High thermal cycling performance
I
F(AV) = 60 A
• Low thermal resistance
V
F ≤ 0.58 V
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
Dual, common cathode schottky
PIN
DESCRIPTION
rectifier
diodes
in
a
plastic
envelope. Intended for use as
1
anode 1 (a)
output rectifiers in low voltage, high
frequency switched mode power
2
cathode (k)
supplies.
3
anode 2 (a)
The
PBYR6045WT
series
is
supplied in the conventional leaded
tab
cathode
SOT429 (TO247) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PBYR60
40WT
45WT
V
RRM
Peak repetitive reverse
-
40
45
V
voltage
V
RWM
Working peak reverse
-
40
45
V
voltage
V
R
Continuous reverse voltage
T
mb ≤ 109 ˚C
-
40
45
V
I
O(AV)
Average rectified output
square wave;
δ = 0.5; T
mb ≤ 105 ˚C
-
60
A
current (both diodes
conducting)
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 105 ˚C
-
60
A
currentper diode
I
FSM
Non-repetitive peak forward
t = 10 ms
-
400
A
current per diode
t = 8.3 ms
-
435
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
2
A
surge current per diode
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 65
150
˚C
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
per diode
-
-
1
K/W
to mounting base
both diodes
-
-
0.75
K/W
R
th j-a
Thermal resistance junction
in free air
-
45
-
K/W
to ambient
k
a1
a2
13
2
2
3
1
December 1998
1
Rev 1.000


Similar Part No. - PBYR6040WT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR620CTD PHILIPS-PBYR620CTD Datasheet
50Kb / 5P
Rectifier diodes Schottky barrier
March 1998 Rev 1.000
PBYR625CTD PHILIPS-PBYR625CTD Datasheet
50Kb / 5P
Rectifier diodes Schottky barrier
March 1998 Rev 1.000
PBYR635CT PHILIPS-PBYR635CT Datasheet
33Kb / 5P
Rectifier diodes Schottky barrier
May 1998 Rev 1.200
PBYR640CT PHILIPS-PBYR640CT Datasheet
33Kb / 5P
Rectifier diodes Schottky barrier
May 1998 Rev 1.200
PBYR640CTD PHILIPS-PBYR640CTD Datasheet
45Kb / 5P
Rectifier diodes Schottky barrier
September 1998 Rev 1.100
More results

Similar Description - PBYR6040WT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com