Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAS212 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYPAS212
Description  EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS212 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYPAS212 Datasheet HTML 17Page - Infineon Technologies AG CYPAS212 Datasheet HTML 18Page - Infineon Technologies AG CYPAS212 Datasheet HTML 19Page - Infineon Technologies AG CYPAS212 Datasheet HTML 20Page - Infineon Technologies AG CYPAS212 Datasheet HTML 21Page - Infineon Technologies AG CYPAS212 Datasheet HTML 22Page - Infineon Technologies AG CYPAS212 Datasheet HTML 23Page - Infineon Technologies AG CYPAS212 Datasheet HTML 24Page - Infineon Technologies AG CYPAS212 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Datasheet
21
002-37370 Rev. *B
2023-10-10
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF
controller
Electrical specifications
ILO / IMO / POR
FIMO
IMO frequency
2436
48MHz
–
IMO_STL
IMOsettlingtimewhen
the trim register is
changed
––
200
ns
25°C TA, All VDDD,
48 MHz  FIMO 24 MHz
FCPU
CPU input frequency
48
MHz
–
FILO
ILO frequency
1540
80kHz
SR_POWER_UP
Power supply slew rate
during power up
–
–
67
V/ms
FIMOTOL
Frequency variation at
24 MHz and 48 MHz
(trimmed)
–2
2
%
TSTARTIMO
IMO start-up time
–
7µs
TSTARTILO1
ILO start-up time
2
ms
EXTCLKFREQ
External clock input
frequency
16
MHz
EXTCLKDUTY
Duty cycle; measured
at VDD/2
45
55
%
TCLKSWITCH
System clock source
switching time
34
Periods
VRISEIPOR
Power-on-reset (POR)
rising trip voltage
0.72
1.5
V
VFALLIPOR
POR falling trip voltage 0.62
1.4
VDDD_BOD
Brown-out detect
(BOD) trip voltage
active/ sleep modes
2.34
3
VCCD_BOD
1.64
2
VCCD_BOD_DPSLP
1.1
2
Timer
SYS_TIM_RES
Sys timer resolution
–
16
–bits
–
WDT_RES
WDT resolution
16
TCPWM
TCPWMFREQ
Operating frequency
–
–
Fc
MHz
Fc max = CLK_SYS
TPWMEXT
Output trigger pulse
widths
2/Fc
–ns
Minimum possible
width of overflow,
underflow, and CC
(counter equals
compare value) outputs
TCRES
Resolution of counter
1/Fc
Minimum time between
successive counts
PWMRES
PWM resolution
Minimumpulsewidthof
PWM output
Table 5
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com